Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL600USB-B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GL600USB-B
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB-B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GL600USB-B Datasheet HTML 1Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 2Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 3Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 4Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 5Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 6Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 7Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 8Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
2
FUNCTIONAL OVERVIEW
The GL600USB is a 8-bits RISC-like high performance microcontroller with a built-in 1.5Mbps SIE and
transceiver. The microcontroller features 33 instructions optimized for USB applications. There are 64
bytes on-chip RAM and 1.75K x 14 program ROM incorporated into the microcontroller. The GL600USB
accepts a 6MHz ceramic resonator or a crystal as its clock source. The microcontroller features 12 general
purpose I/Os (GPIOs). 8 GPIO pins build in 4 bits ADC for photo-sensor input to remove the expensive
process of matching LED and photo-sensor. Additionally, 2 GPIO pins are strong enough to drive LEDs.
All GPIO ports feature low EMI emissions as a result of improved output drivers with slew-rate control.
Micro-
controller
USB Registers
&
FIFO Control
Endpoint 0
8 Bytes FIFO
Endpoint 1
8 Bytes FIFO
USB
Interface
D+
D-
Figure 2-1 Block Diagram of GL600USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com