Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL600USB-B Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # GL600USB-B
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB-B Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button GL600USB-B Datasheet HTML 29Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 30Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 31Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 32Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 33Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 34Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 35Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 36Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
8
PACKAGE DIAGRAMS
8.1
16-pin P-DIP
Dimension in mil
Dimension in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
--
130
--
--
3.302
--
A1
59
60
61
1.499
1.524
1.549
B
--
18
--
--
0.457
--
B1
--
60
--
--
1.524
--
C
--
10
--
--
0.254
--
D
740
750
760
18.796
19.050
19.304
E1
259
260
--
6.579
6.604
--
F
290
300
310
7.366
7.620
7.874
L
--
130
--
--
3.302
--
L1
--
20
--
--
0.508
--
e
--
100
--
--
2.540
--
EB
345
355
365
8.763
9.017
9.271
θ
4
ο
5.5
ο
7
ο
4
ο
5.5
ο
7
ο
Figure 8-1 Package outline dimension for 16-pin P-DIP
15" (2X)
5" (2X)
D
e
B
B1
A1
A
L1
L
F
E1
eB
C
15' (4X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com