Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL600USB-B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GL600USB-B
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB-B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GL600USB-B Datasheet HTML 2Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 3Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 4Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 5Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 6Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 7Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 8Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 9Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
3
PIN DEFINITIONS AND DESCRIPTIONS
3.1
GL600USB
Pin No.
Name
I/O
Description
1
P1.2/LB
[1]
I/O
Port 1 bit 2/mouse left button
Internal pull up 10K
2
P1.3/MB
I/O
Port 1 bit 3/mouse middle button
Internal pull up 10K
3
P1.4/RB
I/O
Port 1 bit 4/mouse right button
Internal pull up 10K
4
P2.7/W2
I/O
Port 2 bit 7/photo-sensor input for horizontal scroll 2
Optional internal pull down from 4K ~ 32K or
no pull down resistor
5
VCC
-
Voltage supply
6
XTAL2
O
Ceramic resonator or crystal out
7
XTAL1
I
Ceramic resonator or crystal in
8
P2.4/Z1
I/O
Port 2 bit 4/photo-sensor input for vertical scroll 1
Optional internal pull down from 4K ~ 32K or
no pull down resistor
9
D+
I/O
USB data+
10
D-
I/O
USB data-
11
V3.3
O
3.3V output, a 0.1uF to 1uF capacitor should be added
on external circuit for this pin
12
P2.5/Z2
I/O
Port 2 bit 5/photo-sensor input for vertical scroll 2
Optional internal pull down from 4K ~ 32K or
no pull down resistor
13
P2.6/W1
I/O
Port 2 bit 6/photo-sensor input for horizontal scroll 1
Optional internal pull down from 4K ~ 32K or
no pull down resistor
14
P1.0
I/O
Port 1 bit 0 with LED drive capability
15
P1.1
I/O
Port 1 bit 1 with LED drive capability
16
GND
-
Ground
17
P2.3/Y1
I/O
Port 2 bit 3/photo-sensor input for Y axis 1
Optional internal pull down from 4K ~ 32K or
no pull down resistor
18
P2.2/Y2
I/O
Port 2 bit 2/photo-sensor input for Y axis 2
Optional internal pull down from 4K ~ 32K or
no pull down resistor
19
P2.1/X1
I/O
Port 2 bit 1/photo-sensor input for X axis 1
Optional internal pull down from 4K ~ 32K or
no pull down resistor
20
P2.0/X2
I/O
Port 2 bit 0/photo-sensor input for X axis 2
Optional internal pull down from 4K ~ 32K or
no pull down resistor
Note 1: Name or description after “/” means default function specified by Genesys Logic firmware
Table 3 -1 GL600USB Pin Definitions and Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com