Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL600USB-B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # GL600USB-B
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB-B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button GL600USB-B Datasheet HTML 17Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 18Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 19Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 20Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 21Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 22Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 23Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 24Page - List of Unclassifed Manufacturers GL600USB-B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
The data receivers for all types of devices must be able to properly decode the differential data in the
presence of jitter. The more of the bit time that any data edge can occupy and still be decoded, the more
reliable the data transfer will be. Data receivers are required to decode differential data transitions that
occur in a window plus and minus a nominal quarter bit time from the nominal (centered) data edge
position. Jitter will be caused by the delay mismatches and by mismatches in the source and destination
data rates (frequencies).
Differential
Data Lines
Paired
Transitions
N * TPERIOD + TJR2
TPERIOD
Consecutive
Transitions
N * TPERIOD + TJR1
TJR
TJR1
TJR2
Figure 4-4 Receiver Jitter Tolerance
The source of data can have some variation (jitter) in the timing of edges of the data transmitted. The time
between any set of data transitions is N*TPeriod ± jitter time, where N is the number of bits between the
transitions and TPeriod is defined as the actual period of the data rate. The data jitter is measured with the
same capacitive load used for maximum rise and fall times and is measured at the crossover points of the
data lines.
For low-speed transmissions, the jitter time for any consecutive differential data transitions must be within
±25ns and within ±10ns for any set of paired differential data transitions. These jitter numbers include
timing variations due to differential buffer delay, rise/fall time mismatches, internal clock source jitter,
noise and other random effects.
The output rise time and fall time are measured between 10% and 90% of the signal. Edge transition time
for the rising and falling edges of low-speed signals is 75ns (minimum) into a capacitive load (CL) of 50pF
and 300ns (maximum) into a capacitive load of 350pF. The rising and falling edges should be transitioning
(monotonic) smoothly when driving the cable to avoid excessive EMI.
Low Speed: 75ns at CL = 50pF, 300ns at CL = 350pF
Full Speed: 4 to 20ns at CL = 50pF
Differential
Data Lines
10%
Rise Time
90%
Fall Time
tF
tR
10%
90%
CL
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com