Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2698 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2698
Description  SIMPLE SWITCHER 1.35A Boost Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2698 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2698 Datasheet HTML 1Page - National Semiconductor (TI) LM2698 Datasheet HTML 2Page - National Semiconductor (TI) LM2698 Datasheet HTML 3Page - National Semiconductor (TI) LM2698 Datasheet HTML 4Page - National Semiconductor (TI) LM2698 Datasheet HTML 5Page - National Semiconductor (TI) LM2698 Datasheet HTML 6Page - National Semiconductor (TI) LM2698 Datasheet HTML 7Page - National Semiconductor (TI) LM2698 Datasheet HTML 8Page - National Semiconductor (TI) LM2698 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
−0.3V
≤ V
IN ≤ 12V
SW Voltage
−0.3V
≤ V
SW ≤ 18V
FB Voltage
−0.3V
≤ V
FB ≤ 7V
V
C Voltage
0.965 < V
C < 1.565
SHDN Voltage
(Note 2)
−0.3V
≤ V
SHDN ≤ 7V
FSLCT
(Note 2)
−0.3V
≤ V
FSLCT ≤ 12V
Maximum Junction
Temperature
150˚C
Power Dissipation (Note 3)
Internally Limited
Lead Temperature
300˚C
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
ESD Susceptibility
(Note 4)
Human Body Model
(Note 5)
2kV
Machine Model
200V
Operating Conditions
Operating Junction
Temperature Range
(Note 6)
−40˚C to +125˚C
Storage Temperature
−65˚C to +150˚C
Supply Voltage
2.2V to 12V
SW Voltage
0
≤ V
SW ≤ 17.5V
Electrical Characteristics
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C)Unless otherwise specified. VIN =2.2V and IL = 0A, unless otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 7)
Max
(Note 6)
Units
I
Q
Quiescent Current
FB = 0V (Not Switching)
1.3
2.0
mA
V
SHDN =0V
5
10
µA
V
FB
Feedback Voltage
1.2285
1.26
1.2915
V
I
CL
Switch Current Limit
V
IN = 2.7V (Note 8)
1.35
1.9
2.4
A
%V
FB/∆VIN
Feedback Voltage Line
Regulation
2.2V
≤ V
IN ≤ 12.0V
0.013
0.1
%/V
I
B
FB Pin Bias Current
(Note 9)
0.5
20
nA
V
IN
Input Voltage Range
2.2
12
V
g
m
Error Amp Transconductance
∆I = 5µA
40
135
290
µmho
A
V
Error Amp Voltage Gain
120
V/V
D
MAX
Maximum Duty Cycle
FSLCT = Ground
78
85
%
D
MIN
Minimum Duty Cycle
FSLCT = Ground
15
%
FSLCT = V
IN
30
f
S
Switching Frequency
FSLCT = Ground
480
600
720
kHz
FSLCT = V
IN
1
1.25
1.5
MHz
I
SHDN
Shutdown Pin Current
V
SHDN =VIN
0.01
0.1
µA
V
SHDN =0V
−0.5
-1
I
L
Switch Leakage Current
V
SW = 18V
0.01
3
µA
R
DS(ON)
Switch R
DS(ON)
V
IN = 2.7V, ISW = 1A
0.2
0.4
Ω
TH
SHDN
SHDN Threshold Voltage
Output High
0.6
0.9
V
Output Low
0.3
0.6
V
UVP
On Threshold
1.95
2.05
2.2
V
Off Threshold
1.85
1.95
2.1
V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com