Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2698 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2698
Description  SIMPLE SWITCHER 1.35A Boost Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2698 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2698 Datasheet HTML 7Page - National Semiconductor (TI) LM2698 Datasheet HTML 8Page - National Semiconductor (TI) LM2698 Datasheet HTML 9Page - National Semiconductor (TI) LM2698 Datasheet HTML 10Page - National Semiconductor (TI) LM2698 Datasheet HTML 11Page - National Semiconductor (TI) LM2698 Datasheet HTML 12Page - National Semiconductor (TI) LM2698 Datasheet HTML 13Page - National Semiconductor (TI) LM2698 Datasheet HTML 14Page - National Semiconductor (TI) LM2698 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Operation (Continued)
The goal of the compensation network is to provide the best
static and dynamic performance while insuring stability over
line and load variations. The relationship of stability and
performance can be best analyzed by plotting the magnitude
and phase of the open loop frequency response in the form
of a bode plot. A typical bode plot of the LM2698 open loop
frequency response is shown in
Figure 5.
Poles are marked with an ’X’, and zeros are marked with a
’O’. The bolded ’O’ labeled ’f
RHP’ is a right-half plane zero.
Right half plane zeros act like normal zeros to the magnitude
(+20dB/decade slope influence) and like poles to the phase
(−90˚ shift). Three curves are shown. The powerstage curve
is the frequency response of the powerstage, which includes
the switch, diode, inductor, output capacitor, and load. The
compensator curve is the frequency response of the com-
pensator, which is the error amp combined with the compen-
sation network. T is the product of the powerstage and the
compensator and is the complete open loop frequency re-
sponse. The power stage response is fixed by line and load
constraints, while the compensator is set by the external
compensation network at pin 1. The compensator can be
designed in a few simple steps as follows.
Quick Compensator Design
Calculate:
where,
where R
OUT = 875kΩ
Choose C
C1 = 4.7nF
Choose
Where,
20012657
FIGURE 5. Bode plot of the LM2698 Frequency Response using the Typical Application Circuit
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com