Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2698 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2698
Description  SIMPLE SWITCHER 1.35A Boost Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2698 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2698 Datasheet HTML 1Page - National Semiconductor (TI) LM2698 Datasheet HTML 2Page - National Semiconductor (TI) LM2698 Datasheet HTML 3Page - National Semiconductor (TI) LM2698 Datasheet HTML 4Page - National Semiconductor (TI) LM2698 Datasheet HTML 5Page - National Semiconductor (TI) LM2698 Datasheet HTML 6Page - National Semiconductor (TI) LM2698 Datasheet HTML 7Page - National Semiconductor (TI) LM2698 Datasheet HTML 8Page - National Semiconductor (TI) LM2698 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM2698
SIMPLE SWITCHER® 1.35A Boost Regulator
General Description
The LM2698 is a general purpose PWM boost converter.
The 1.9A, 18V, 0.2ohm internal switch enables the LM2698
to provide efficient power conversion to outputs ranging from
2.2V to 17V. It can operate with input voltages as low as 2.2V
and as high as 12V. Current-mode architecture provides
superior line and load regulation and simple frequency com-
pensation over the device’s 2.2V to 12V input voltage range.
The LM2698 sets the standard in power density and is
capable of supplying 12V at 400mA from a 5V input. The
LM2698 can also be used in flyback or SEPIC topologies.
The LM2698 SIMPLE SWITCHER® features a pin selectable
switching frequency of either 600kHz or 1.25MHz. This pro-
motes flexibility in component selection and filtering tech-
niques. A shutdown pin is available to suspend the device
and decrease the quiescent current to 5µA. An external
compensation pin gives the user flexibility in setting fre-
quency compensation, which makes possible the use of
small, low ESR ceramic capacitors at the output. Switchers
Made Simple® software is available to insure a quick, easy
and guaranteed design. The LM2698 is available in a low
profile 8-lead MSOP package.
Features
n
1.9A, 0.2
Ω, internal switch (typical)
n
Operating voltage as low as 2.2V
n
600kHz/1.25MHz adjustable frequency operation
n
Switchers Made Simple® software
n
8-Lead MSOP package
Applications
n
3.3V to 5V, 5V to 12V conversion
n
Distributed Power
n
Set-Top Boxes
n
DSL Modems
n
Diagnostic Medical Instrumentation
n
Boost Converters
n
Flyback Converters
n
SEPIC Converters
Typical Application Circuit
20012658
SIMPLE SWITCHER® is a registered trademark of National Semiconductor Corporation.
October 2001
© 2001 National Semiconductor Corporation
DS200126
www.national.com


Similar Part No. - LM2698

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2698 TI-LM2698 Datasheet
1Mb / 25P
LM2698 SIMPLE SWITCHER짰 1.35A Boost Regulator
LM2698MM-ADJ/NOPB TI-LM2698MM-ADJ/NOPB Datasheet
1Mb / 25P
LM2698 SIMPLE SWITCHER짰 1.35A Boost Regulator
LM2698 TI-LM2698_15 Datasheet
1Mb / 25P
LM2698 SIMPLE SWITCHER짰 1.35A Boost Regulator
More results

Similar Description - LM2698

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
SIMPLE SWITCHER Step-Up Voltage Regulator
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
SIMPLE SWITCHER 5A Flyback Regulator
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
SIMPLE SWITCHER 5A Flyback Regulator with
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
Simple Switcher 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2587T-ADJ TI1-LM2587T-ADJ Datasheet
4Mb / 32P
LM2587 SIMPLE SWITCHER 5A Flyback Regulator
LM2698 TI-LM2698_15 Datasheet
1Mb / 25P
LM2698 SIMPLE SWITCHER짰 1.35A Boost Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
Synchronous Simple Switcher Buck Regulator
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
Synchronous SIMPLE SWITCHER Buck Regulator
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
Simple Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com