Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2698 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2698
Description  SIMPLE SWITCHER 1.35A Boost Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2698 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2698 Datasheet HTML 1Page - National Semiconductor (TI) LM2698 Datasheet HTML 2Page - National Semiconductor (TI) LM2698 Datasheet HTML 3Page - National Semiconductor (TI) LM2698 Datasheet HTML 4Page - National Semiconductor (TI) LM2698 Datasheet HTML 5Page - National Semiconductor (TI) LM2698 Datasheet HTML 6Page - National Semiconductor (TI) LM2698 Datasheet HTML 7Page - National Semiconductor (TI) LM2698 Datasheet HTML 8Page - National Semiconductor (TI) LM2698 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Connection Diagram
Top View
20012604
8-Lead Plastic MSOP
NS Package Number MUA08A
Ordering Information
Order Number
Package Type
NSC Package
Drawing
Supplied As
Package ID
LM2698MM-ADJ
MSOP-8
MUA08A
1000 Units, Tape and Reel
S22B
LM2698MMX-ADJ
MSOP-8
MUA08A
3500 Units, Tape and Reel
S22B
Pin Description
Pin
Name
Function
1V
C
Compensation network connection. Connected to the output of the voltage error amplifier.
2
FB
Output voltage feedback input.
3
SHDN
Shutdown control input, active low.
4
GND
Analog and power ground.
5V
SW
Power switch input. Switch connected between SW pin and GND pin.
6V
IN
Analog power input.
7
FSLCT
Switching frequency select input. V
IN= 1.25MHz. Ground = 600kHz.
8
NC
Connect to ground.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com