Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2698 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2698
Description  SIMPLE SWITCHER 1.35A Boost Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2698 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2698 Datasheet HTML 9Page - National Semiconductor (TI) LM2698 Datasheet HTML 10Page - National Semiconductor (TI) LM2698 Datasheet HTML 11Page - National Semiconductor (TI) LM2698 Datasheet HTML 12Page - National Semiconductor (TI) LM2698 Datasheet HTML 13Page - National Semiconductor (TI) LM2698 Datasheet HTML 14Page - National Semiconductor (TI) LM2698 Datasheet HTML 15Page - National Semiconductor (TI) LM2698 Datasheet HTML 16Page - National Semiconductor (TI) LM2698 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Operation (Continued)
Additional Comments on the Open Loop Frequency Re-
sponse
The procedure used here to pick the compensation network
will provide a good starting point. In most cases, these
values will be sufficient for a stable design. It is always
recommended to check the design in a real test setup. This
is easy to do with the aid of a dynamic load. Set the high and
low load values to your system requirements and switch
between the two at about 1kHz. View the output voltage with
an oscilloscope using AC coupling, and zoom in enough to
see the waveform react to the load change. Use the follow-
ing table to determine if your design is stable. Remember to
use worst case conditions (V
IN(MIN),ROUT(MIN),ROUT(MAX)).
Response
Conclusion
What to
Change
Underdamped,
weak attenuation
Nearing instability
Make C
C1
larger
Underdamped,
strong attenuation
Stable
Nothing
Critically damped
Stable
Nothing
Overdamped
Stable
Nothing
Application Information
1.25MHz Boost Converter
Figure 6 shows the LM2698 boosting 3.3V to 10V at 300mA.
As discussed in the COMPENSATION section, the R
DS(ON)
of the internal FET in the LM2698 raises as the input voltage
drops below 5V (see Typical Performance Characteristics).
The minimum input voltage for this application is 2.5V, at
which point the R
DS(ON) is approximately 200mΩ. Substitut-
ing these values in for
Equation (1), it is found that either a
10 µH (1.25MHz operation) or a 22 µH (600kHz operation) is
necessary for a stable design. The circuit is operated at
1.25MHz to allow for a smaller inductance. From the Com-
pensator Design equations, R
C is calculated to be 18.6kΩ,
and a 20k
Ω resistor is used.
20012668
FIGURE 6. 3.3V to 10V Boost Converter
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com