Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2698 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2698
Description  SIMPLE SWITCHER 1.35A Boost Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2698 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2698 Datasheet HTML 5Page - National Semiconductor (TI) LM2698 Datasheet HTML 6Page - National Semiconductor (TI) LM2698 Datasheet HTML 7Page - National Semiconductor (TI) LM2698 Datasheet HTML 8Page - National Semiconductor (TI) LM2698 Datasheet HTML 9Page - National Semiconductor (TI) LM2698 Datasheet HTML 10Page - National Semiconductor (TI) LM2698 Datasheet HTML 11Page - National Semiconductor (TI) LM2698 Datasheet HTML 12Page - National Semiconductor (TI) LM2698 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Operation (Continued)
If V
L(t) is constant, diL / dt must be constant, thus the current
in the inductor changes at a constant rate. This is the case in
DC/DC converters since the voltages at the input and output
can be approximated as a constant. The current through the
inductor of the LM2698 boost converter is shown in
Figure
2(a). The important quantities in determining a proper induc-
tance value are I
L(AVG) (the average inductor current) and ∆iL
(the inductor current ripple). If
∆i
L is larger than IL(AVG), the
inductor current will drop to zero for a portion of the cycle and
the converter will operate in discontinuous conduction mode.
If
∆i
L is smaller than IL(AVG), the inductor current will stay
above zero and the converter will operate in continuous
conduction mode (CCM). All the analysis in this datasheet
assumes operation in continuous conduction mode. To op-
erate in CCM:
I
L(AVG) > ∆iL
Choose the minimum I
OUT to determine the minimum L for
CCM operation. A common choice is to set
∆i
L to 30% of
I
L(AVG).
The inductance value will also affect the stability of the
converter. Because the LM2698 utilizes current mode con-
trol, the inductor value must be carefully chosen. See the
COMPENSATION section for recommended inductance val-
ues.
Choosing an appropriate core size for the inductor involves
calculating the average and peak currents expected through
the inductor. In a boost converter,
and
I
L(Peak) =IL(AVG) + ∆iL,
where
A core size with ratings higher than these values should be
chosen. If the core is not properly rated, saturation will
dramatically reduce overall efficiency.
Current Limit
The current limit in the LM2698 is referenced to the peak
switch current. The peak currents in the switch of a boost
converter will always be higher than the average current
supplied to the load. To determine the maximum average
output current that the LM2698 can supply, use:
I
OUT(MAX) =(ICL − ∆iL)*(1−D) = (ICL − ∆iL)*VIN/VOUT
Where I
CL is the switch current limit (see Electrical Chara-
teristics table and Typical Performance Curves). Hence, as
V
IN increases, the maximum current that can be supplied to
the load increases, as shown in
Figure 3.
Diode
The diode in a boost converter such as the LM2698 acts as
a switch to the output. During the first cycle, when the
transistor is closed, the diode is reverse biased and current
is blocked; the load current is supplied by the output capaci-
tor. In the second cycle, the transistor is open and the diode
is forward biased; the load current is supplied by the induc-
tor.
Observation of the boost converter circuit shows that the
average current through the diode is the average load cur-
rent, and the peak current through the diode is the peak
current through the inductor. The diode should be rated to
handle more than its peak current. To improve efficiency, a
low forward drop Schottky diode is recommended.
Input Capacitor
Due to the presence of an inductor at the input of a boost
converter, the input current waveform is continuous and
triangular. The inductor ensures that the input capacitor sees
fairly low ripple currents. However, as the inductor gets
smaller, the input ripple increases. The rms current in the
input capacitor is given by:
The input capacitor should be capable of handling the rms
current. Although the input capacitor is not so critical in boost
applications, a 10 µF or higher value, good quality capacitor
prevents any impedance interactions with the input supply.
A 0.1µF or 1µF ceramic bypass capacitor is also recom-
mended on the V
IN pin (pin 6) of the IC. This capacitor must
20012673
FIGURE 3. Maximum Output Current vs Input Voltage
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com