Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2698 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2698
Description  SIMPLE SWITCHER 1.35A Boost Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2698 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2698 Datasheet HTML 8Page - National Semiconductor (TI) LM2698 Datasheet HTML 9Page - National Semiconductor (TI) LM2698 Datasheet HTML 10Page - National Semiconductor (TI) LM2698 Datasheet HTML 11Page - National Semiconductor (TI) LM2698 Datasheet HTML 12Page - National Semiconductor (TI) LM2698 Datasheet HTML 13Page - National Semiconductor (TI) LM2698 Datasheet HTML 14Page - National Semiconductor (TI) LM2698 Datasheet HTML 15Page - National Semiconductor (TI) LM2698 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Operation (Continued)
If the output capacitor is of high ESR (0.1
Ω or higher), it may
be necessary to use C
C2.
A rule of thumb is that if
1/(2
πC
OUTESR) (Hz) is lower than fS/2 (Hz), CC2 should be
used. Choose C
C2 such that:
(R
C +ROUT)(COUTESR) / (RCROUT) (F)
where R
OUT = output impedance of the error amp (875 kΩ).
Improving Transient Response Time
The above compensator design provides a loop gain with
high phase margin for a large stability margin. The transient
response time of this loop is limited by the lower
mid-frequency gain necessary to achieve a high phase mar-
gin. If it is desired to increase the transient response time,
C
C1 may be decreased. Decreasing CC1 by 2x, 4x, and 6x
will yield increasingly shorter transient response times, how-
ever the loop phase margin will become progressively lower
as C
C1 is decreased. When optimizing the loop gain for
transient response time, it is recommended to keep the
phase margin above 40˚.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com