Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMC Datasheet(PDF) 2 Page - AVX Corporation

Part # LCMC
Description  Multi-Layer Ceramic Chip Inductors LCMC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCMC Datasheet(HTML) 2 Page - AVX Corporation

  LCMC Datasheet HTML 1Page - AVX Corporation LCMC Datasheet HTML 2Page - AVX Corporation LCMC Datasheet HTML 3Page - AVX Corporation LCMC Datasheet HTML 4Page - AVX Corporation LCMC Datasheet HTML 5Page - AVX Corporation LCMC Datasheet HTML 6Page - AVX Corporation LCMC Datasheet HTML 7Page - AVX Corporation LCMC Datasheet HTML 8Page - AVX Corporation LCMC Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
9
Multi-Layer High Frequency
Ceramic Chip Inductors
LCMC Series
0201
L, Q
Self-
DC
Rated
Packing
Ordering
Inductance
Q
Measuring
Resonance
Resistance
Current
Amount of
Code
(nH)
Available Tolerance
Min.
Frequency
Frequency
(Ω)
(mA)
7" Reel
(MHz)
(MHz)
Max.
Pcs
Min.
Typ.
Max.
Typ.
0N3
0.3
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.07
0.03
250
0N4
0.4
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.07
0.04
250
0N5
0.5
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.08
0.05
250
0N6
0.6
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.08
0.05
250
0N7
0.7
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.09
0.06
250
0N8
0.8
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.10
0.07
250
0N9
0.9
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.10
0.07
250
1N0
1.0
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.14
0.09
250
1N1
1.1
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.14
0.09
250
1N2
1.2
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.14
0.09
250
1N3
1.3
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.14
0.10
250
1N5
1.5
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.18
0.10
230
1N6
1.6
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.18
0.12
230
1N8
1.8
±0.3nH, ±0.2nH, ±0.1nH
4
100
10,000
>13000
0.19
0.13
200
2N0
2.0
±0.3nH, ±0.2nH, ±0.1nH
4
100
8,800
>13000
0.20
0.14
200
2N1
2.1
±0.3nH, ±0.2nH, ±0.1nH
4
100
8,800
>13000
0.20
0.15
200
2N2
2.2
±0.3nH, ±0.2nH, ±0.1nH
4
100
8,800
>13000
0.22
0.15
200
2N4
2.4
±0.3nH, ±0.2nH, ±0.1nH
4
100
8,300
11,700
0.24
0.15
200
2N7
2.7
±0.3nH, ±0.2nH, ±0.1nH
5
100
7,700
11,340
0.25
0.17
200
3N0
3.0
±0.3nH, ±0.2nH, ±0.1nH
5
100
7,200
11,000
0.28
0.20
180
3N2
3.2
±0.3nH, ±0.2nH, ±0.1nH
5
100
6,700
10,800
0.30
0.20
180
3N3
3.3
±0.3nH, ±0.2nH, ±0.1nH
5
100
6,700
10,400
0.30
0.20
180
3N6
3.6
±0.3nH, ±0.2nH, ±0.1nH
5
100
6,400
9,000
0.30
0.23
170
15000
3N9
3.9
±0.3nH, ±0.2nH, ±0.1nH
5
100
6,000
8,790
0.30
0.23
170
4N3
4.3
±0.3nH, 3%, ±0.1nH
5
100
5,700
8,000
0.40
0.24
150
4N7
4.7
±0.3nH, 3%, ±0.1nH
5
100
5,300
7,750
0.40
0.26
150
5N1
5.1
±0.3nH, 3%, ±0.1nH
5
100
5,000
7,210
0.40
0.26
150
5N6
5.6
±0.3nH, 3%, ±0.1nH
5
100
4,200
6,680
0.40
0.32
150
6N2
6.2
±0.3nH, 3%, ±0.1nH
5
100
3,800
6,800
0.44
0.32
150
6N8
6.8
±5%, ±3%
5
100
3,500
6,800
0.50
0.34
150
7N5
7.5
±5%, ±3%
5
100
3,300
6,000
0.53
0.36
150
8N2
8.2
±5%, ±3%
5
100
3,200
5,800
0.55
0.38
150
9N1
9.1
±5%, ±3%
5
100
3,000
5,000
0.62
0.38
150
10N
10
±5%, ±3%
5
100
2,800
4,860
0.65
0.40
150
12N
12
±5%, ±3%
5
100
2,400
4,520
0.70
0.50
100
15N
15
±5%, ±3%
5
100
2,200
4,820
0.80
0.60
100
18N
18
±5%, ±3%
5
100
2,200
3,000
0.90
0.85
100
22N
22
±5%, ±3%
5
100
1,800
2,950
1.20
0.86
100
27N
27
±5%, ±3%
4
100
1,800
2,610
1.80
0.88
50
33N
33
±5%
4
100
1,700
2,210
2.10
1.05
50
39N
39
±5%
4
100
1,500
1,860
2.40
1.18
50
47N
47
±5%
4
100
1,300
1,800
2.80
1.74
100
56N
56
±5%
4
100
1,100
1,600
3.00
1.85
80
68N
68
±5%
4
100
1,100
1,500
2.66
2.30
80
82N
82
±5%
4
100
1,000
1,400
3.37
2.60
70
R10
100
±5%
4
100
900
1,200
3.74
3.00
60
ELECTRICAL CHARACTERISTICS
Tolerance: B = ±0.1nH, C = ±0.2nH, S = ±0.3nH, G = ±2%, H = ±3%, J = ±5%, K = ±10%
Measuring Equipment: HP4287+16196C
Measuring Temperature: 25 ± 3ºC Operating
Temperature: -55ºC to +125ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com