Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMC Datasheet(PDF) 5 Page - AVX Corporation

Part # LCMC
Description  Multi-Layer Ceramic Chip Inductors LCMC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCMC Datasheet(HTML) 5 Page - AVX Corporation

  LCMC Datasheet HTML 1Page - AVX Corporation LCMC Datasheet HTML 2Page - AVX Corporation LCMC Datasheet HTML 3Page - AVX Corporation LCMC Datasheet HTML 4Page - AVX Corporation LCMC Datasheet HTML 5Page - AVX Corporation LCMC Datasheet HTML 6Page - AVX Corporation LCMC Datasheet HTML 7Page - AVX Corporation LCMC Datasheet HTML 8Page - AVX Corporation LCMC Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
12
Multi-Layer High Frequency
Ceramic Chip Inductors
LCMC Series
0402
L, Q
Self-
DC
Rated
Packing
Ordering
Inductance
Q
Measuring
Resonance
Resistance
Current
Amount of
Code
(nH)
Available Tolerance
Min.
Frequency
Frequency
(Ω)
(mA)
7" Reel
(MHz)
(MHz)
Max.
Pcs
Min.
Typ.
Max.
Typ.
0N6
0.6
±0.3nH, ±0.2nH, ±0.1nH
8
100
10000
>13000
0.08
0.02
300
1N0
1.0
±0.3nH, ±0.2nH, ±0.1nH
8
100
10000
>13000
0.08
0.02
300
1N1
1.1
±0.3nH, ±0.2nH, ±0.1nH
8
100
10000
>13000
0.08
0.03
300
1N2
1.2
±0.3nH, ±0.2nH, ±0.1nH
8
100
10000
>13000
0.09
0.03
300
1N3
1.3
±0.3nH, ±0.2nH, ±0.1nH
8
100
10000
>13000
0.09
0.04
300
1N5
1.5
±0.3nH, ±0.2nH, ±0.1nH
8
100
10000
>13000
0.10
0.05
300
1N6
1.6
±0.3nH, ±0.2nH, ±0.1nH
8
100
10000
>13000
0.10
0.05
300
1N8
1.8
±0.3nH, ±0.2nH, ±0.1nH
8
100
6000
12220
0.12
0.05
300
2N0
2.0
±0.3nH, ±0.2nH, ±0.1nH
8
100
6000
12890
0.12
0.06
300
2N2
2.2
±0.3nH, ±0.2nH, ±0.1nH
8
100
6000
12430
0.13
0.06
300
2N4
2.4
±0.3nH, ±0.2nH, ±0.1nH
8
100
6000
12320
0.13
0.07
300
2N7
2.7
±0.3nH, ±0.2nH, ±0.1nH
8
100
6000
10070
0.16
0.09
300
3N0
3.0
±0.3nH, ±0.2nH, ±0.1nH
8
100
6000
8760
0.16
0.09
300
3N3
3.3
±0.3nH, ±0.2nH, ±0.1nH
8
100
6000
8120
0.16
0.09
300
3N6
3.6
±0.3nH, ±0.2nH, ±0.1nH
8
100
5000
8200
0.20
0.10
300
3N9
3.9
±0.3nH, ±0.2nH, ±0.1nH
8
100
4000
8390
0.20
0.10
300
4N3
4.3
±0.3nH, ±0.2nH, ±0.1nH
8
100
4000
7500
0.20
0.11
300
4N7
4.7
±0.3nH, ±0.2nH, ±0.1nH
8
100
4000
7010
0.20
0.11
300
5N1
5.1
±0.3nH, ±0.2nH, ±0.1nH
8
100
4000
6340
0.23
0.13
300
5N6
5.6
±0.3nH, ±0.2nH, ±0.1nH
8
100
4000
5760
0.23
0.13
300
6N2
6.2
±0.3nH, ±0.2nH, ±0.1nH
8
100
3900
5490
0.25
0.15
300
6N8
6.8
±5%, ±3%, ±2%
8
100
3900
5430
0.25
0.14
300
10,000
7N5
7.5
±5%, ±3%, ±2%
8
100
3700
5000
0.28
0.16
300
8N2
8.2
±5%, ±3%, ±2%
8
100
3500
4660
0.28
0.17
300
9N1
9.1
±5%, ±3%, ±2%
8
100
3400
4400
0.30
0.22
300
10N
10
±5%, ±3%, ±2%
8
100
3200
4120
0.31
0.24
300
12N
12
±5%, ±3%, ±2%
8
100
2600
3820
0.45
0.30
300
15N
15
±5%, ±3%, ±2%
8
100
2300
3350
0.55
0.38
300
18N
18
±5%, ±3%, ±2%
8
100
2000
2970
0.65
0.37
300
22N
22
±5% ±3%,, ±2%
8
100
1600
2640
0.70
0.45
300
27N
27
±5%, ±3%, ±2%
8
100
1400
2370
0.80
0.49
300
33N
33
±5%, ±3%, ±2%
8
100
1200
2040
0.90
0.63
200
39N
39
±5%, ±3%, ±2%
8
100
1100
1800
1.00
0.70
200
47N
47
±5%, ±3%, ±2%
8
100
900
1660
1.10
0.82
200
56N
56
±5%, ±3%, ±2%
8
100
750
1560
1.10
0.84
200
68N
68
±5%, ±3%, ±2%
8
100
750
1330
1.20
0.99
180
82N
82
±5%, ±3%, ±2%
8
100
600
1160
1.30
1.09
150
R10
100
±5%
8
100
600
1020
1.60
1.19
150
R12
120
±5%
8
100
600
860
1.60
1.31
150
R15
150
±5%
8
100
550
800
2.40
1.58
140
R18
180
±5%
8
100
500
810
3.70
2.97
130
R22
220
±5%
8
100
450
700
4.20
3.29
120
R27
270
±5%
8
100
400
600
4.80
3.92
110
ELECTRICAL CHARACTERISTICS
Tolerance: B = ±0.1nH, C = ±0.2nH, S = ±0.3nH, G = ±2%, H = ±3%, J = ±5%, K = ±10%
Measuring Equipment: HP4287+16196C
Measuring Temperature: 25 ± 3ºC
Operating Temperature: -55ºC to +125ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com