Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMC Datasheet(PDF) 3 Page - AVX Corporation

Part # LCMC
Description  Multi-Layer Ceramic Chip Inductors LCMC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCMC Datasheet(HTML) 3 Page - AVX Corporation

  LCMC Datasheet HTML 1Page - AVX Corporation LCMC Datasheet HTML 2Page - AVX Corporation LCMC Datasheet HTML 3Page - AVX Corporation LCMC Datasheet HTML 4Page - AVX Corporation LCMC Datasheet HTML 5Page - AVX Corporation LCMC Datasheet HTML 6Page - AVX Corporation LCMC Datasheet HTML 7Page - AVX Corporation LCMC Datasheet HTML 8Page - AVX Corporation LCMC Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
10
Multi-Layer High Frequency
Ceramic Chip Inductors
LCMC Series
0201
Ordering
Typical Inductance (nH)
Typical Q
Code
100 MHz 500 MHz 800 MHz 900 MHz
1.8 GHz
2.0 GHz
2.4 GHz
100 MHz 500 MHz 800 MHz 900 MHz
1.8 GHz
2.0 GHz
2.4 GHz
0N3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
6
14
19
20
32
35
39
0N4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
6
14
19
20
32
35
39
0N5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
6
14
19
20
33
36
40
0N6
0.6
0.6
0.5
0.5
0.5
0.5
0.5
6
15
19
20
33
36
40
0N7
0.7
0.7
0.6
0.6
0.6
0.6
0.6
6
15
20
21
34
37
41
0N8
0.8
0.8
0.7
0.7
0.7
0.7
0.7
6
14
19
20
32
35
39
0N9
0.9
0.8
0.8
0.8
0.8
0.8
0.8
6
15
20
21
35
37
42
1N0
1.0
0.9
0.9
0.9
0.9
0.9
0.9
5
13
17
18
28
30
33
1N1
1.1
1.0
1.0
1.0
0.9
0.9
0.9
6
14
18
20
30
32
34
1N2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
6
14
18
19
28
30
32
1N3
1.3
1.2
1.2
1.2
1.2
1.2
1.2
6
13
17
18
27
28
31
1N5
1.5
1.4
1.3
1.3
1.4
1.4
1.4
6
14
18
20
30
32
34
1N6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
6
14
18
20
28
30
31
1N8
1.8
1.7
1.7
1.7
1.7
1.7
1.7
6
14
18
20
28
30
31
2N0
2.0
1.9
1.9
1.9
2.0
1.9
2.0
6
14
18
19
28
29
31
2N1
2.1
2.0
1.9
1.9
2.0
2.0
2.1
6
13
17
18
26
28
30
2N2
2.2
2.1
2.0
2.0
2.1
2.1
2.2
6
13
17
18
26
28
30
2N4
2.4
2.3
2.2
2.2
2.3
2.4
2.5
6
14
18
20
28
29
31
2N7
2.7
2.5
2.5
2.5
2.6
2.7
2.8
6
14
18
19
28
29
31
3N0
3.0
2.8
2.8
2.8
2.9
2.9
3.0
7
15
19
21
30
31
33
3N2
3.2
3.0
3.0
3.0
3.1
3.1
3.2
6
14
19
20
29
30
32
3N3
3.3
3.2
3.1
3.2
3.0
3.4
3.5
6
14
19
20
29
30
32
3N6
3.6
3.4
3.4
3.4
3.7
3.7
3.9
6
14
18
20
28
29
31
3N9
3.9
3.7
3.7
3.7
3.9
4.0
4.2
6
15
19
20
28
29
31
4N3
4.3
4.1
4.1
4.1
4.4
4.9
4.8
6
14
18
19
27
28
29
4N7
4.7
4.4
4.4
4.4
4.8
4.9
5.2
6
14
19
19
26
27
29
5N1
5.1
4.9
4.9
4.9
5.4
5.6
6.0
6
13
17
18
25
25
26
5N6
5.6
5.3
5.3
5.3
5.8
6.0
6.6
7
14
18
19
26
27
27
6N2
6.2
6.0
6.0
6.1
6.9
7.2
8.1
6
14
18
19
26
26
30
6N8
6.8
6.3
6.4
6.4
7.2
7.4
8.2
7
14
18
19
26
26
26
7N5
7.5
7.1
7.2
7.2
8.3
8.7
9.8
6
15
18
20
25
25
25
8N2
8.2
7.8
7.9
8.0
9.2
9.7
11.0
7
15
18
19
19
24
24
9N1
9.1
8.7
8.8
8.9
10.8
11.6
13.9
6
13
16
17
21
20
18
10N
10.0
9.3
9.5
9.6
12.0
13.0
16.1
6
13
16
17
20
20
18
12N
12.0
11.3
11.5
11.7
15.4
17.2
23.2
7
13
16
17
18
17
14
15N
15.0
14.5
15.1
15.4
22.4
26.2
42.3
7
15
18
19
19
17
11
18N
18.0
17.2
18.1
18.6
31.1
39.5
99.3
7
13
16
16
14
11
5
22N
22.0
21.4
22.8
23.5
45.5
64.1
–
7
13
16
16
12
8
–
27N
27.0
26.6
29.2
30.6
108.5
–
–
6
13
15
15
6
–
–
33N
33.0
31.9
34.8
36.0
119.0
–
–
7
14
16
17
6
–
–
39N
39.0
38.2
42.3
45.6
–
–
–
6
12
13
13
–
–
–
47N
47.0
44.0
47.0
49.0
–
–
–
6
11
12
11
–
–
–
56N
56.0
54.0
61.0
66.0
–
–
–
6
11
11
10
–
–
–
68N
68.0
66.0
76.0
82.0
–
–
–
6
11
11
10
–
–
–
82N
82.0
80.0
97.0
108.0
–
–
–
6
11
10
8
–
–
–
R10
100.0
103.0
138.0
164.0
–
–
–
6
10
9
6
–
–
–
L, Q VS. FREQUENCY CHARACTERISTICS
Tolerance: B = ±0.1nH, C = ±0.2nH, S = ±0.3nH, G = ±2%, H = ±3%, J = ±5%, K = ±10%
Measuring Equipment: HP4287+16196C
Measuring Temperature: 25 ± 3ºC
Operating Temperature: -55ºC to +125ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com