Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMC Datasheet(PDF) 8 Page - AVX Corporation

Part # LCMC
Description  Multi-Layer Ceramic Chip Inductors LCMC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCMC Datasheet(HTML) 8 Page - AVX Corporation

Back Button LCMC Datasheet HTML 4Page - AVX Corporation LCMC Datasheet HTML 5Page - AVX Corporation LCMC Datasheet HTML 6Page - AVX Corporation LCMC Datasheet HTML 7Page - AVX Corporation LCMC Datasheet HTML 8Page - AVX Corporation LCMC Datasheet HTML 9Page - AVX Corporation LCMC Datasheet HTML 10Page - AVX Corporation LCMC Datasheet HTML 11Page - AVX Corporation LCMC Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
15
Multi-Layer High Frequency
Ceramic Chip Inductors
LCMC Series
0603
L, Q
Self-
DC
Rated
Packing
Ordering
Inductance
Q
Measuring
Resonance
Resistance
Current
Amount of
Code
(nH)
Available Tolerance
Min.
Frequency
Frequency
(Ω)
(mA)
7" Reel
(MHz)
(MHz)
Max.
Pcs
Min.
Typ.
Max.
Typ.
1N0
1.0
±0.3nH, ±0.2nH, ±0.1nH
8
100
10000
>13000
0.05
0.01
1000
1N2
1.2
±0.3nH, ±0.2nH, ±0.1nH
8
100
10000
>13000
0.05
0.02
1000
1N5
1.5
±0.3nH, ±0.2nH, ±0.1nH
8
100
10000
>13000
0.10
0.03
1000
1N8
1.8
±0.3nH, ±0.2nH, ±0.1nH
8
100
10000
>13000
0.10
0.04
1000
2N2
2.2
±0.3nH, ±0.2nH, ±0.1nH
8
100
6000
11690
0.10
0.05
1000
2N7
2.7
±0.3nH, ±0.2nH, ±0.1nH
10
100
6000
8930
0.13
0.06
1000
3N3
3.3
±0.3nH, ±0.2nH, ±0.1nH
10
100
6000
6440
0.13
0.07
1000
3N9
3.9
±0.3nH, ±0.2nH, ±0.1nH
10
100
6000
7280
0.15
0.08
1000
4N7
4.7
±0.3nH, ±0.2nH, ±0.1nH
10
100
4000
6470
0.20
0.09
1000
5N6
5.6
±0.3nH, ±0.2nH, ±0.1nH
10
100
4000
5230
0.23
0.10
600
6N8
6.8
±5%, ±2%
10
100
4000
5470
0.25
0.11
600
8N2
8.2
±5%, ±2%
10
100
3500
4460
0.28
0.14
600
10N
10
±5%, ±2%
12
100
3200
4360
0.30
0.15
600
12N
12
±5%, ±2%
12
100
2600
3480
0.35
0.17
600
15N
15
±5%, ±2%
12
100
2300
3310
0.40
0.19
600
18N
18
±5%, ±2%
12
100
2000
3080
0.45
0.21
600
22N
22
±5%, ±2%
12
100
1600
2670
0.50
0.29
600
4,000
27N
27
±5%, ±2%
12
100
1400
2270
0.55
0.27
600
33N
33
±5%, ±2%
12
100
1200
1970
0.60
0.36
600
39N
39
±5%, ±2%
12
100
1100
1830
0.65
0.37
500
47N
47
±5%, ±2%
12
100
900
1670
0.70
0.47
500
56N
56
±5%, ±2%
12
100
900
1530
0.75
0.46
500
68N
68
±5%, ±2%
12
100
700
1360
0.85
0.51
400
82N
82
±5%, ±2%
12
100
600
1290
0.95
0.57
300
R10
100
±5%, ±2%
12
100
600
1090
1.00
0.69
300
R12
120
±5%, ±2%
8
50
500
1030
1.20
0.74
300
R15
150
±5%, ±2%
8
50
500
820
1.20
0.78
300
R18
180
±5%, ±2%
8
50
400
690
1.30
0.92
300
R22
220
±5%, ±2%
8
50
400
630
1.50
1.19
300
R24
240
±5%, ±2%
8
50
400
600
1.70
1.20
200
R27
270
±5%, ±2%
8
50
400
520
1.90
1.30
150
R33R
330
±5%, ±2%
8
50
350
450
2.10
1.50
150
R39
390
±5%, ±2%
8
50
350
400
2.30
1.80
150
R47
470
±5%, ±2%
8
50
300
360
2.60
2.04
150
ELECTRICAL CHARACTERISTICS
Tolerance: B = ±0.1nH, C = ±0.2nH, S = ±0.3nH, G = ±2%, H = ±3%, J = ±5%, K = ±10%
Measuring Equipment: HP4291B+16192A
Measuring Temperature: 25 ± 3ºC
Operating Temperature: -40ºC to +125ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com