Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMC Datasheet(PDF) 11 Page - AVX Corporation

Part # LCMC
Description  Multi-Layer Ceramic Chip Inductors LCMC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCMC Datasheet(HTML) 11 Page - AVX Corporation

Back Button LCMC Datasheet HTML 5Page - AVX Corporation LCMC Datasheet HTML 6Page - AVX Corporation LCMC Datasheet HTML 7Page - AVX Corporation LCMC Datasheet HTML 8Page - AVX Corporation LCMC Datasheet HTML 9Page - AVX Corporation LCMC Datasheet HTML 10Page - AVX Corporation LCMC Datasheet HTML 11Page - AVX Corporation LCMC Datasheet HTML 12Page - AVX Corporation LCMC Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
18
Multi-Layer High Frequency
Ceramic Chip Inductors
LCMC Series
TEST CONDITION AND REQUIREMENTS
No.
Item
Test Condition
Requirements
1
Inductance
a. Temperature: 25 ± 3ºC
Within specified tolerance.
b. Relative Humidity: 45 to 75%RH
2
Q Value
a. Temperature: 25 ± 3ºC
In accordance with
b. Relative Humidity: 45 to 75%RH
electrical specification.
3
DC Resistance
a. Temperature: 25 ± 3ºC
In accordance with
b. Relative Humidity: 45 to 75%RH
electrical specification.
c. Measuring equipment: HP 4338.
4
Appearance
Inductors shall be visually inspected for visible evidence of defect.
In accordance with specification.
5
Dimension
Dimension shall be measured with caliper or micrometer
In accordance with dimension
specification.
6
Solderability
Immerse a test sample into a methanol solution containing
More than 75% of the
resin and immerse into molten solder of
terminal electrode part shall
230 ± 5ºC for 5 ± 1 second.
be covered with fresh solder.
7
Bending Strength
Solder the chip to test jig then apply a force in the direction
1. No mechanical damage
shown in below. The soldering shall be done with the reflow
shall be observed.
method and shall be conducted with care so that the soldering
2. Rdc-value: to meet the
is uniform and free of defects such as heat shock.
initial Spec.
8
Resistance to
Immerse a test sample into a methanol solution containing
No visible damage.
Soldering Heat
resin, preheat it at 120 to 150ºC for 1 minute and immerse
Inductance variation within 10%.
into molten solder of 270 ± 5ºC for 10 ± 1 second so that both
Q variation within 20%.
terminal electrodes are completely submerged.
9
Thermal Shock
Solder a test sample to printed circuit board, and conduct
No visible damage.
5 cycles of test under the conditions shown as below.
Inductance variation within 10%.
0201 & 0402 operating temp. range: -55~125ºC
Q variation within 20%.
0603 operating temp. range: -40~85ºC
Cycle: Maximum operating temp. (30 ± 3min)
Minimum operating temp. (30 ± 3min)
10
High Humidity
Keep a test sample in an atmosphere with a temperature of 40 ± 2ºC,
No visible damage.
State Life Test
90~95%RH for 500 ± 12 hours. After the removal from test chamber,
Inductance variation within 10%.
2 to 3 hours of recovery under standard condition, and measurement
Q variation within 20%.
shall be made after 24 ± 2 hrs. of recovery under standard condition.
11
High Humidity
Solder a test sample to printed circuit board then keep the test
No visible damage.
Load Life Test
sample in an atmosphere with a temperature of 40 ± 2ºC, 90~95%RH
Inductance variation within 10%.
for 500 ± 12 hours while supplying the rated current. After the removal
Q variation within 20%.
from test chamber, 2 to 3 hours of recovery under standard condition,
and measurement shall be made after 24 ± 2 hrs. of recovery under
standard condition.
12
High Temperature
Keep a test sample in an atmosphere with a temperature of 85 ± 2ºC
No visible damage.
State Life Test
for 500 ± 12 hours. After the removal from test chamber, 2 to 3 hours
Inductance variation within 10%.
of recovery under standard condition, and measurement shall be
Q variation within 20%.
made after 24 ± 2 hrs. of recovery under standard condition.
13
High Temperature
Solder a test sample to printed circuit board then keep the test
No visible damage.
Load
sample in an atmosphere with a temperature of 85 ± 2ºC for
Inductance variation within 10%.
500 ± 12 hours while supplying the rated current. After the removal
Q variation within 20%.
from test chamber, 2 to 3 hours of recovery under standard condition,
and measurement shall be made after 24 ± 2 hrs. of recovery under
standard condition.
Supports
(Ø5)
Solder
45±2mm
45±2mm
Press Jig
Test PC Board
Sample
20
Press
R230
50
Amplitude 2mm
within 3min
c. Measuring equipment and fixture:
(0603) HP 4291+16192A
(0402) HP 4287+16193A
(0201) HP 4287+16196C
c. Measuring equipment and fixture:
(0603) HP 4291+16192A
(0402) HP 4287+16193A
(0201) HP 4287+16196C
Mounting Samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com