Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMC Datasheet(PDF) 1 Page - AVX Corporation

Part # LCMC
Description  Multi-Layer Ceramic Chip Inductors LCMC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCMC Datasheet(HTML) 1 Page - AVX Corporation

  LCMC Datasheet HTML 1Page - AVX Corporation LCMC Datasheet HTML 2Page - AVX Corporation LCMC Datasheet HTML 3Page - AVX Corporation LCMC Datasheet HTML 4Page - AVX Corporation LCMC Datasheet HTML 5Page - AVX Corporation LCMC Datasheet HTML 6Page - AVX Corporation LCMC Datasheet HTML 7Page - AVX Corporation LCMC Datasheet HTML 8Page - AVX Corporation LCMC Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8
Multi-Layer Ceramic Chip Inductors
LCMC Series
APPLICATIONS
• High Frequency Applications:
– Mobile Communications
– WLAN
– PHS
– EMI Counter measure in High Frequency Circuits
– Computer Communication
FEATURES
• For high frequency applications
• Standard EIA sizes 0201 (0603), 0402 (1005), 0603 (1608)
• Lead-free RoHS compliant parts
• Tight tolerance in physical dimensions
• Surface mounting applicability (Supports reflow soldering condition)
• Tight Inductance Tolerance, Excellent Q and Guaranteed SRF range
• High product quality and outstanding reliability. (Ceramic integrated structure)
• Operating temperature -55ºC to +125ºC
LC
Family
LC = Chip Inductor
MC
Series
MC = Multi-Layer
0402
Size
0201
0402
0603
K
Tolerance
G = 2%
H = 3%
J = 5%
K = 10%
B = 0.1nH
C = 0.2nH
S = 0.3nH
R
Packaging
R = 7" Reel
101
Inductance
3N9 = 3.9nH
39N = 39nH
R39 = 390nH
G
Style
G = Standard
T
Termination
T = Sn Plating
A
Special
A = Standard
HOW TO ORDER
DIMENSIONS
AVAILABLE INDUCTANCE VALUE AND TOLERANCE
A
W
L
T
mm (inches)
Size
L
W
T
A
Min
Max
0201
0.60 ± 0.03
0.30 ± 0.03
0.30 ± 0.03
0.10
0.20
(0.024 ± 0.001)
(0.012 ± 0.001)
(0.012 ± 0.001)
(0.004)
(0.008)
0402
1.00 ± 0.10
0.50 ± 0.10
0.50 ± 0.10
0.10
0.30
(0.040 ± 0.004)
(0.020 ± 0.004)
(0.020 ± 0.004)
(0.004)
(0.012)
0603
1.60 ± 0.15
0.80 ± 0.15
0.80 ± 0.15
0.20
0.60
(0.063 ± 0.006)
(0.031 ± 0.006)
(0.031 ± 0.006)
(0.008)
(0.024)
Size Code
Available
Inductance
Standard
Tolerance available
Inductance
Ranges
Tolerance
upon request
0.3nH - 4.2nH
S=±0.3nH
B=±0.1nH, C=±0.2nH
LCMC0201
0.3nH - 100nH
4.3nH - 6.2nH
B=±0.1nH, H=±3%
6.8nH - 27nH
J=±5%
H=±3%
33nH - 100nH
J=±5%
–
0.6 nH - 6.2 nH
S= ±0.3 nH
B= ±0.1 nH , C= ±0.2 nH
LCMC0402
0.6nH - 270nH
6.8 nH - 82 nH
J= ±5%
G= ±2%, H=±3%
100 nH - 270 nH
J= ±5%
–
LCMC0603
1.0 nH - 470 nH
1.0 nH - 5.6 nH
S= ±0.3 nH
B= ±0.1 nH, C= ±0.2 nH
6.8 nH - 470 nH
J= ±5%
G= ±2%


Similar Part No. - LCMC

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LCMCA160808T180NGR TAIYO-YUDEN-LCMCA160808T180NGR Datasheet
278Kb / 2P
Wire-wound Ferrite Bead Inductors for Power Lines LCMC/LCMG series for Automotive Body & Chassis and Infotainment
2025.09.22
LCMCA160808T180NGR0J TAIYO-YUDEN-LCMCA160808T180NGR0J Datasheet
278Kb / 2P
Wire-wound Ferrite Bead Inductors for Power Lines LCMC/LCMG series for Automotive Body & Chassis and Infotainment
2025.09.22
LCMCA160808T230NG TAIYO-YUDEN-LCMCA160808T230NG Datasheet
278Kb / 2P
Wire-wound Ferrite Bead Inductors for Power Lines LCMC/LCMG series for Automotive Body & Chassis and Infotainment
2025.09.22
LCMCA160808T230NG00J TAIYO-YUDEN-LCMCA160808T230NG00J Datasheet
278Kb / 2P
Wire-wound Ferrite Bead Inductors for Power Lines LCMC/LCMG series for Automotive Body & Chassis and Infotainment
2025.09.22
LCMCA160808T230NGR TAIYO-YUDEN-LCMCA160808T230NGR Datasheet
278Kb / 2P
Wire-wound Ferrite Bead Inductors for Power Lines LCMC/LCMG series for Automotive Body & Chassis and Infotainment
2025.09.22
More results

Similar Description - LCMC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL1005F-FH CT-CTLL1005F-FH Datasheet
502Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012FH CT-CTLL2012FH Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F CT-CTLL2012F Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
logo
RENCO ELECTRONICS, INC.
RL-7800-1 RENCO-RL-7800-1 Datasheet
1Mb / 4P
MULTI-LAYER CERAMIC CHIP INDUCTORS
logo
Central Technologies
CT0201HQF CT-CT0201HQF Datasheet
99Kb / 2P
Multi-layer Chip Inductors - Ceramic
CTLL1005SF CT-CTLL1005SF Datasheet
372Kb / 2P
Multi-layer Chip Inductors - Ceramic
REV 11.24.15
CTLL1608F-FH CT-CTLL1608F-FH Datasheet
241Kb / 1P
Multi-layer Chip Inductors - Ceramic
REV 08.02.16
CTLL1608F CT-CTLL1608F Datasheet
117Kb / 1P
Multi-layer Chip Inductors - Ceramic
REV 10.10.17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com