Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMC Datasheet(PDF) 10 Page - AVX Corporation

Part # LCMC
Description  Multi-Layer Ceramic Chip Inductors LCMC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCMC Datasheet(HTML) 10 Page - AVX Corporation

Back Button LCMC Datasheet HTML 5Page - AVX Corporation LCMC Datasheet HTML 6Page - AVX Corporation LCMC Datasheet HTML 7Page - AVX Corporation LCMC Datasheet HTML 8Page - AVX Corporation LCMC Datasheet HTML 9Page - AVX Corporation LCMC Datasheet HTML 10Page - AVX Corporation LCMC Datasheet HTML 11Page - AVX Corporation LCMC Datasheet HTML 12Page - AVX Corporation LCMC Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
17
Multi-Layer High Frequency
Ceramic Chip Inductors
LCMC Series
0603 L VS FREQUENCY
0
200
400
600
800
1000
1200
1400
1600
10
Frequency (MHz)
100
1,000
10,000
15N
R22
33N
56N
0603 Q VS FREQUENCY
10
Frequency (MHz)
100
1,000
10,000
0
10
20
30
40
50
60
56N
15N
R22
33N
0603 Z VS FREQUENCY
10
Frequency (MHz)
100
1,000
10,000
1
10
100
1000
10,000
56N
15N
R22
33N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com