Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN240 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSPIN240
Description  Low voltage dual brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN240 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSPIN240 Datasheet HTML 4Page - STMicroelectronics STSPIN240 Datasheet HTML 5Page - STMicroelectronics STSPIN240 Datasheet HTML 6Page - STMicroelectronics STSPIN240 Datasheet HTML 7Page - STMicroelectronics STSPIN240 Datasheet HTML 8Page - STMicroelectronics STSPIN240 Datasheet HTML 9Page - STMicroelectronics STSPIN240 Datasheet HTML 10Page - STMicroelectronics STSPIN240 Datasheet HTML 11Page - STMicroelectronics STSPIN240 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical characteristics
STSPIN240
8/26
DocID029313 Rev 3
3
Electrical characteristics
Testing conditions: VS = 5 V, Tj = 25 °C unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Supply
VSth(ON)
VS turn-on voltage
VS rising from 0 V
1.45 1.65
1.79
V
VSth(OFF)
VS turn-off voltage
VS falling from 5 V
1.3
1.45
1.65
V
VSth(HYS)
VS hysteresis voltage
180
mV
IS
VS supply current
No commutations, EN = 0
ROFF = 160 k
960
1300
A
No commutations, EN = 1
ROFF = 160 k
1500 1950
A
IS,STBY
VS standby current
STBY = 0 V
10
80
nA
VSTBYL
Standby low logic level input
voltage
0.9
V
VSTBYH
Standby high logic level input
voltage
1.48
V
Power stage
RDS(ON)HS+LS Total on resistance HS + LS
VS = 10 V, IOUT = 1.3 A
0.4
0.65
VS = 10 V, IOUT = 1.3 A, Tj = 125 °C(1)
0.53
0.87
VS = 3 V, IOUT = 0.4 A
0.53
0.8
IDSS
Leakage current
OUTx = VS
1
µA
OUTx = GND
- 1
VDF
Freewheeling diode forward
voltage
ID = 1.3 A
0.9
V
trise
Rise time
VS = 10 V; unloaded outputs
10
ns
tfall
Fall time
VS = 10 V; unloaded outputs
10
ns
tDT
Dead time
50
ns
PWM current controller
VSNS,OFFSET Sensing offset
VREF = 0.5 V;
internal reference 20% VREF
-15
+15
mV
tOFF
Total OFF time
ROFF = 10 k
9µs
ROFF = 160 k
125
µs
fOSC
Internal oscillator precision
(fOSC/fOSC,ID)
ROFF = 20 k
-20%
+20%
tOFF,jitter
Total OFF time jittering
ROFF = 10 k
2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com