Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN240 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STSPIN240
Description  Low voltage dual brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN240 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STSPIN240 Datasheet HTML 5Page - STMicroelectronics STSPIN240 Datasheet HTML 6Page - STMicroelectronics STSPIN240 Datasheet HTML 7Page - STMicroelectronics STSPIN240 Datasheet HTML 8Page - STMicroelectronics STSPIN240 Datasheet HTML 9Page - STMicroelectronics STSPIN240 Datasheet HTML 10Page - STMicroelectronics STSPIN240 Datasheet HTML 11Page - STMicroelectronics STSPIN240 Datasheet HTML 12Page - STMicroelectronics STSPIN240 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DocID029313 Rev 3
9/26
STSPIN240
Electrical characteristics
26
Logic IOs
VIH
High logic level input voltage
1.6
V
VIL
Low logic level input voltage
0.6
V
VRELEASE
FAULT open drain release
voltage
0.4
V
VOL
Low logic level output voltage IOL = 4 mA
0.4
V
RSTBY
STBY pull-down resistance
36
k
IPDEN
EN pull-down current
10.5
µA
tENd
EN input propagation delay
From EN falling edge to OUT high
impedance
55
ns
tPWM,d(ON)
PWMX turn-on propagation
delay
See Figure 4 on page 14
125
ns
tPWM,d(OFF)
PWMX turn-off propagation
delay
See Figure 4
140
ns
tPH,d
PHX propagation delay
See Figure 4
125
ns
Protections
TjSD
Thermal shutdown threshold
160
°C
TjSD,Hyst
Thermal shutdown hysteresis
40
°C
IOC
Overcurrent threshold
See Figure 14 on page 22
2A
1. Based on characterization data on a limited number of samples, not tested during production.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com