Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN240 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STSPIN240
Description  Low voltage dual brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN240 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STSPIN240 Datasheet HTML 11Page - STMicroelectronics STSPIN240 Datasheet HTML 12Page - STMicroelectronics STSPIN240 Datasheet HTML 13Page - STMicroelectronics STSPIN240 Datasheet HTML 14Page - STMicroelectronics STSPIN240 Datasheet HTML 15Page - STMicroelectronics STSPIN240 Datasheet HTML 16Page - STMicroelectronics STSPIN240 Datasheet HTML 17Page - STMicroelectronics STSPIN240 Datasheet HTML 18Page - STMicroelectronics STSPIN240 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
DocID029313 Rev 3
15/26
STSPIN240
Functional description
26
6.3
PWM current control
The device implements two independent current controllers, one for each full-bridge.
The voltage on the sense pins (VSENSEA and VSENSEB) is compared to the reference voltage
applied on the REF pin (VREF).
When VSENSEX > VREF, the current limiter is triggered, the OFF time counter is started and
the decay sequence is performed.
The decay sequence starts turning on both low sides of the full-bridge.
The reference voltage value, VREF, has to be selected according to the load current target
value (peak value) and sense resistors value.
Equation 1
VREF = RSNSx • ILOAD,peak
In choosing the sense resistor value, two main issues must be taken into account:
The sensing resistor dissipates energy and provides dangerous negative voltages on
the SENSE pins during the current recirculation. For this reason the resistance of this
component should be kept low (using multiple resistors in parallel will help to obtain the
required power rating with standard resistors).
The lower is the RSNSx value, the higher is the peak current error due to noise on the
VREF pin and to the input offset of the current sense comparator: too low values of
RSNSx must be avoided.
Table 9. ON and slow decay states
PHx
PWMx
ON
Decay
00
HSx1 = OFF
LSx1 = ON
HSx2 = OFF
LSx2 = ON
N.A.(1)
1. During decays the inputs values are ignored until the system returns to ON condition (decay time expired).
01
HSx1 = OFF
LSx1 = ON
HSx2 = ON
LSx2 = OFF
HSx1 = OFF
LSx1 = ON
HSx2 = OFF
LSx2 = ON
10
HSx1 = OFF
LSx1 = ON
HSx2 = OFF
LSx2 = ON
N.A.(1)
11
HSx1 = ON
LSx1 = OFF
HSx2 = OFF
LSx2 = ON
HSx1 = OFF
LSx1 = ON
HSx2 = OFF
LSx2 = ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com