Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN240 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STSPIN240
Description  Low voltage dual brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN240 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STSPIN240 Datasheet HTML 9Page - STMicroelectronics STSPIN240 Datasheet HTML 10Page - STMicroelectronics STSPIN240 Datasheet HTML 11Page - STMicroelectronics STSPIN240 Datasheet HTML 12Page - STMicroelectronics STSPIN240 Datasheet HTML 13Page - STMicroelectronics STSPIN240 Datasheet HTML 14Page - STMicroelectronics STSPIN240 Datasheet HTML 15Page - STMicroelectronics STSPIN240 Datasheet HTML 16Page - STMicroelectronics STSPIN240 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID029313 Rev 3
13/26
STSPIN240
Functional description
26
6
Functional description
The STSPIN240 is a dual brush DC motor driver integrating two PWM current controllers
and a power stage composed by two fully-protected full-bridges.
6.1
Standby and power-up
The device provides a low settable consumption mode forcing the STBY\RESET input
below the VSTBYL threshold.
When the device is in standby status, the power stage is disabled (outputs are in high
impedance) and the supply to the integrated control circuitry is cut off.
6.2
Motor driving
The outputs of each bridge are controlled by the respective PWMx and PHx inputs as listed
in Table 8.
Table 8. Truth table
EN\FAULT
PHx
PWMx
OUTx1
OUTx2
Full-bridge condition
0
X
X
HiZ
HiZ
Disabled
1
0
0
GND
GND
Both LS on
1
0
1
GND
VS
HS2 and LS1 on (current X1
 X2)
1
1
0
GND
GND
Both LS on
1
1
1
VS
GND
HS1 and LS2 on (current X1
 X2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com