Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN240 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSPIN240
Description  Low voltage dual brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN240 Datasheet(HTML) 1 Page - STMicroelectronics

  STSPIN240 Datasheet HTML 1Page - STMicroelectronics STSPIN240 Datasheet HTML 2Page - STMicroelectronics STSPIN240 Datasheet HTML 3Page - STMicroelectronics STSPIN240 Datasheet HTML 4Page - STMicroelectronics STSPIN240 Datasheet HTML 5Page - STMicroelectronics STSPIN240 Datasheet HTML 6Page - STMicroelectronics STSPIN240 Datasheet HTML 7Page - STMicroelectronics STSPIN240 Datasheet HTML 8Page - STMicroelectronics STSPIN240 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This is information on a product in full production.
November 2016
DocID029313 Rev 3
1/26
STSPIN240
Low voltage dual brush DC motor driver
Datasheet
- production data
Features
 Operating voltage from 1.8 to 10 V
 Maximum output current 1.3 Arms
 RDS(ON) HS + LS = 0.4  typ.
 Current control with programmable off-time
 Full protection set
– Non-dissipative overcurrent protection
– Short-circuit protection
– Thermal shutdown
 Energy saving and long battery life with
standby consumption less than 80 nA
Applications
Battery-powered DC motor applications such as:
 Toys
 Portable printers
 Robotics
 Point of sale (POS) devices
 Portable medical equipment
 Healthcare and wellness devices (shavers and
toothbrushes)
Description
The STSPIN240 is a dual brush DC motor driver
integrating a low RDS(ON) power stage in a small
QFN 3 x 3 mm package.
Both the full-bridges implement an independent
PWM current controller with fixed OFF time.
The device is designed to operate in battery-
powered scenarios and can be forced into a zero-
consumption state allowing a significant increase
in battery life.
The device offers a complete set of protection
features including overcurrent, overtemperature
and short-circuit protection.
QFN 3 x 3 mm (16-pin)
www.st.com


Similar Part No. - STSPIN240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN220 STMICROELECTRONICS-STSPIN220 Datasheet
902Kb / 27P
Low voltage stepper motor driver
Rev 4 - March 2019
STSPIN230 STMICROELECTRONICS-STSPIN230 Datasheet
436Kb / 22P
Low voltage triple half-bridge motor driver for BLDC motors
November 2016 Rev 4
STSPIN233 STMICROELECTRONICS-STSPIN233 Datasheet
448Kb / 22P
Low voltage three phase and three sense motor driver
17-Jan-2018
STSPIN250 STMICROELECTRONICS-STSPIN250 Datasheet
531Kb / 26P
Low voltage brush DC motor driver
November 2016 Rev 2
More results

Similar Description - STSPIN240

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2624A NJRC-NJM2624A Datasheet
134Kb / 8P
BRUSH LESS DC MOTOR PRE-DRIVER
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
Motor driver with DC brush
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
BD6210F ROHM-BD6210F Datasheet
266Kb / 5P
H-bridge driver for DC brush motor
BD6220F ROHM-BD6220F Datasheet
267Kb / 5P
H-bridge driver for DC brush motor
BD6232HFP ROHM-BD6232HFP Datasheet
238Kb / 3P
H-bridge driver for DC brush motor
logo
STMicroelectronics
STSPIN250 STMICROELECTRONICS-STSPIN250 Datasheet
531Kb / 26P
Low voltage brush DC motor driver
November 2016 Rev 2
logo
Rohm
BD60203EFV ROHM-BD60203EFV Datasheet
2Mb / 23P
36V 2ch DC Brush Motor Driver
logo
Shenzhen Huazhimei Semi...
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
Brush type DC motor driver
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
Brush type DC motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com