Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN240 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSPIN240
Description  Low voltage dual brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN240 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSPIN240 Datasheet HTML 6Page - STMicroelectronics STSPIN240 Datasheet HTML 7Page - STMicroelectronics STSPIN240 Datasheet HTML 8Page - STMicroelectronics STSPIN240 Datasheet HTML 9Page - STMicroelectronics STSPIN240 Datasheet HTML 10Page - STMicroelectronics STSPIN240 Datasheet HTML 11Page - STMicroelectronics STSPIN240 Datasheet HTML 12Page - STMicroelectronics STSPIN240 Datasheet HTML 13Page - STMicroelectronics STSPIN240 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Pin description
STSPIN240
10/26
DocID029313 Rev 3
4
Pin description
Figure 2. Pin connection (top view)
1. The exposed pad must be connected to ground.
Table 6. Pin description
No.
Name
Type
Function
1
PHA
Logic input
Phase input for bridge A
2
PWMA
Logic input
PWM input for bridge A
3
OUTA1
Power output Power bridge output side A1
4
SENSEA
Power output Sense output of the bridge A
5
OUTA2
Power output Power bridge output side A2
6
VS
Supply
Device supply voltage
7, EPAD
GND
Ground
Device ground
8
OUTB2
Power output Power bridge output side B2
9
SENSEB
Power output Sense output of the bridge B
10
OUTB1
Power output Power bridge output side B1
11
REF
Analog input Reference voltage for the current limiter circuitry
12
TOFF
Analog input Internal oscillator frequency adjustment
13
EN\FAULT
Logic input\
open drain
output
Logic input 5 V compliant with open drain output.
This is the power stage enable (when low, the power stage
is turned off) and is forced low through the integrated open
drain MOSFET when a failure occurs.
1
2
3
4
PHA
PWMA
OUTA1
SENSEA
12
11
10
9
TOFF
REF
OUTB1
SENSEB
56
8
7
OUTA2
VS
OUTB2
GND
16
EPAD
15
13
14
PWMB
PHB
EN\FAULT
STBY\
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com