Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN240 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STSPIN240
Description  Low voltage dual brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN240 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STSPIN240 Datasheet HTML 8Page - STMicroelectronics STSPIN240 Datasheet HTML 9Page - STMicroelectronics STSPIN240 Datasheet HTML 10Page - STMicroelectronics STSPIN240 Datasheet HTML 11Page - STMicroelectronics STSPIN240 Datasheet HTML 12Page - STMicroelectronics STSPIN240 Datasheet HTML 13Page - STMicroelectronics STSPIN240 Datasheet HTML 14Page - STMicroelectronics STSPIN240 Datasheet HTML 15Page - STMicroelectronics STSPIN240 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Typical applications
STSPIN240
12/26
DocID029313 Rev 3
5
Typical applications
Figure 3. Typical application schematic
Table 7. Typical application values
Name
Value
CS
2.2 µF / 16 V
CSPOL
22 µF / 16 V
RSNSA, RSNSB
330 m
 / 1 W
CEN
10 nF / 6.3 V
REN
18 k
CSTBY
1 nF / 6.3 V
RSTBY
18 k
CRCOFF
22 nF
RRCOFF
1 k
ROFF
47 k
 (tOFF  37 µs)
STSPIN240
VS
STBY\RESET
EN\FAULT
PWMA
PHA
PWMB
PHB
REF
TOFF
GND
OUTA1
OUTA2
OUTB1
SENSEA
SENSEB
OUTB2
Brush DC A
Brush DC B
R
SNSA
R
SNSB
V
S
PWM
V
DD
C
SPOL
C
S
CSTBY
C
EN
R
STBY
R
EN
C
RCOFF
R
RCOFF
R
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com