Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU111 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSU111
Description  Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU111 Datasheet(HTML) 1 Page - STMicroelectronics

  TSU111 Datasheet HTML 1Page - STMicroelectronics TSU111 Datasheet HTML 2Page - STMicroelectronics TSU111 Datasheet HTML 3Page - STMicroelectronics TSU111 Datasheet HTML 4Page - STMicroelectronics TSU111 Datasheet HTML 5Page - STMicroelectronics TSU111 Datasheet HTML 6Page - STMicroelectronics TSU111 Datasheet HTML 7Page - STMicroelectronics TSU111 Datasheet HTML 8Page - STMicroelectronics TSU111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
November 2016
DocID029790 Rev 2
1/30
This is information on a product in full production.
www.st.com
TSU111
Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS
operational amplifier
Datasheet - production data
Features
Submicro ampere current consumption:
Icc = 900 nA typ at 25 °C
Low offset voltage: 150 µV max at 25 °C,
235 µV max over full temperature range
(-40 to 85 °C)
Low noise over 0.1 to 10 Hz bandwidth:
3.6 µVpp
Low supply voltage: 1.5 V - 5.5 V
Rail-to-rail input and output
Gain bandwidth product: 11.5 kHz typ
Low input bias current: 10 pA max at 25 °C
High tolerance to ESD: 4 kV HBM
Benefits
More than 25 years of typical equivalent
lifetime supplied by a 220 mA.h CR2032
coin type Lithium battery
High accuracy without calibration
Tolerance to power supply transient drops
Related products
See TSU101, TSU102 and TSU104 for
further power savings
See TSZ121, TSZ122 and TSZ124 for
increased accuracy
Applications
Gas sensors: CO, O2, and H2S
Alarms: PIR sensors
Signal conditioning for energy harvesting
and wearable products
Ultra long-life battery-powered applications
Battery current sensing
Active RFID tags
Description
The TSU111 operational amplifier (op amp)
offers an ultra low-power consumption of 900 nA
typical and 1.2 µA maximum when supplied by
3.3 V. Combined with a supply voltage range of
1.5 V to 5.5 V, these features allow the TSU111
to be efficiently supplied by a coin type Lithium
battery or a regulated voltage in low-power
applications.
The high accuracy of 150 µV max and 11.5 kHz
gain bandwidth make the TSU111 ideal for
sensor signal conditioning, battery supplied, and
portable applications.
DFN6 1.2x1.3
SC70-5


Similar Part No. - TSU111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSU111H STMICROELECTRONICS-TSU111H Datasheet
27Mb / 31P
High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
06-Dec-2022
TSU111HYLT STMICROELECTRONICS-TSU111HYLT Datasheet
27Mb / 31P
High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
06-Dec-2022
More results

Similar Description - TSU111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521MGX TI-LPV521MGX Datasheet
1Mb / 29P
LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV542 TI-LPV542 Datasheet
1Mb / 29P
LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
logo
STMicroelectronics
TSV731 STMICROELECTRONICS-TSV731 Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
TSU112IY STMICROELECTRONICS-TSU112IY Datasheet
1Mb / 32P
Automotive grade, nanopower (920 nA), high accuracy (150 μV) 5 V CMOS operational amplifier
Rev 1 - March 2021
TSU111H STMICROELECTRONICS-TSU111H Datasheet
27Mb / 31P
High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
06-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com