Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU111 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSU111
Description  Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU111 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSU111 Datasheet HTML 6Page - STMicroelectronics TSU111 Datasheet HTML 7Page - STMicroelectronics TSU111 Datasheet HTML 8Page - STMicroelectronics TSU111 Datasheet HTML 9Page - STMicroelectronics TSU111 Datasheet HTML 10Page - STMicroelectronics TSU111 Datasheet HTML 11Page - STMicroelectronics TSU111 Datasheet HTML 12Page - STMicroelectronics TSU111 Datasheet HTML 13Page - STMicroelectronics TSU111 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical characteristics
TSU111
10/30
DocID029790 Rev 2
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
trec
Overload recovery time
100 mV from rail in comparator,
RL = 100
kΩ, VΙD = ±1 V,
-40 °C < T< 85 °C
940
µs
EMIRR
Electromagnetic interference
rejection ratio (3)
Vin = -10 dBm, f = 400 MHz
54
dB
Vin = -10 dBm, f = 900 MHz
79
Vin = -10 dBm, f = 1.8 GHz
65
Vin = -10 dBm, f = 2.4 GHz
65
Notes:
(1)Typical value is based on the Vio drift observed after 1000h at 85 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration
(2)Guaranteed by design
(3)Based on evaluations performed only in conductive mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com