Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU111 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSU111
Description  Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU111 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSU111 Datasheet HTML 16Page - STMicroelectronics TSU111 Datasheet HTML 17Page - STMicroelectronics TSU111 Datasheet HTML 18Page - STMicroelectronics TSU111 Datasheet HTML 19Page - STMicroelectronics TSU111 Datasheet HTML 20Page - STMicroelectronics TSU111 Datasheet HTML 21Page - STMicroelectronics TSU111 Datasheet HTML 22Page - STMicroelectronics TSU111 Datasheet HTML 23Page - STMicroelectronics TSU111 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Application information
TSU111
20/30
DocID029790 Rev 2
5.5
Using the TSU111 with sensors
The TSU111 has MOS inputs, thus input bias currents can be guaranteed down to 10 pA
maximum at ambient temperature. This is an important parameter when the operational
amplifier is used in combination with high impedance sensors.
The TSU111 is perfectly suited for trans-impedance configuration. This configuration allows
a current to be converted into a voltage value with a gain set by the user. It is an ideal
choice for portable electrochemical gas sensing or photo/UV sensing applications. The
TSU111, using trans-impedance configuration, is able to provide a voltage value based on
the physical parameter sensed by the sensor.
5.5.1
Electrochemical gas sensors
The output current of electrochemical gas sensors is generally in the range of tens of nA to
hundreds of µA. As the input bias current of the TSU111 is very low (see Figure 8,
Figure 9, and Figure 10) compared to these current values, the TSU111 is well adapted for
use with the electrochemical sensors of two or three electrodes. Figure 35: "Potentiostat
schematic using the TSU111" shows a potentiostat (electronic hardware required to control
a three electrode cell) schematic using the TSU111. In such a configuration, the devices
minimize leakage in the reference electrode compared to the current being measured on
the working electrode.
Another great advantage of TSU111 versus the competition is its low noise for low
frequencies (3.6 µVpp over 0.1 to 10Hz), and low input offset voltage of 150µV max. These
improved parameters for the same power consumption allow a better accuracy.
Figure 34: Trans-impedance amplifier schematic
TSU111
R
+
-
V ref + RI
V ref
I
Sensor:
electrochemical
photodiode/UV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com