Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU111 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSU111
Description  Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU111 Datasheet(HTML) 2 Page - STMicroelectronics

  TSU111 Datasheet HTML 1Page - STMicroelectronics TSU111 Datasheet HTML 2Page - STMicroelectronics TSU111 Datasheet HTML 3Page - STMicroelectronics TSU111 Datasheet HTML 4Page - STMicroelectronics TSU111 Datasheet HTML 5Page - STMicroelectronics TSU111 Datasheet HTML 6Page - STMicroelectronics TSU111 Datasheet HTML 7Page - STMicroelectronics TSU111 Datasheet HTML 8Page - STMicroelectronics TSU111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Contents
TSU111
2/30
DocID029790 Rev 2
Contents
1
Package pin connections................................................................ 3
2
Absolute maximum ratings and operating conditions ................. 4
3
Electrical characteristics ................................................................ 5
4
Electrical characteristic curves .................................................... 11
5
Application information ................................................................ 16
5.1
Nanopower applications .................................................................. 16
5.1.1
Schematic optimization aiming for nanopower................................. 17
5.1.2
PCB layout considerations ............................................................... 17
5.2
Rail-to-rail input ............................................................................... 18
5.3
Input offset voltage drift over temperature....................................... 18
5.4
Long term input offset voltage drift .................................................. 18
5.5
Using the TSU111 with sensors ...................................................... 20
5.5.1
Electrochemical gas sensors............................................................ 20
5.6
Fast desaturation ............................................................................ 21
5.7
Using the TSU111 in comparator mode .......................................... 21
5.8
ESD structure of the TSU111.......................................................... 22
5.9
EMI robustness of nanopower devices ........................................... 22
6
Package information ..................................................................... 23
6.1
SC70-5 (or SOT323-5) package information................................... 24
6.2
DFN6 1.2x1.3 package information................................................. 25
7
Ordering information..................................................................... 28
8
Revision history ............................................................................ 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com