Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU111 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSU111
Description  Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU111 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSU111 Datasheet HTML 18Page - STMicroelectronics TSU111 Datasheet HTML 19Page - STMicroelectronics TSU111 Datasheet HTML 20Page - STMicroelectronics TSU111 Datasheet HTML 21Page - STMicroelectronics TSU111 Datasheet HTML 22Page - STMicroelectronics TSU111 Datasheet HTML 23Page - STMicroelectronics TSU111 Datasheet HTML 24Page - STMicroelectronics TSU111 Datasheet HTML 25Page - STMicroelectronics TSU111 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Application information
TSU111
22/30
DocID029790 Rev 2
5.8
ESD structure of the TSU111
The TSU111 is protected against electrostatic discharge (ESD) with dedicated diodes
(see Figure 36: "ESD structure"). These diodes must be considered at application level
especially when signals applied on the input pins go beyond the power supply rails (VCC+)
or (VCC-).
Figure 36: ESD structure
Current through the diodes must be limited to a maximum of 10 mA as stated in Table 1:
"Absolute maximum ratings (AMR)". A serial resistor on the inputs can be used to limit this
current.
5.9
EMI robustness of nanopower devices
Nanopower devices exhibit higher impedance nodes and consequently they are more
sensitive to EMI. To improve the natural robustness of the TSU111 device, we recommend
to add three capacitors of around 22 pF each between the two inputs, and between each
input and ground. These capacitors will lower the impedance of the input at high
frequencies and therefore reduce the impact of the radiation.
TSU111
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com