Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU111 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSU111
Description  Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU111 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSU111 Datasheet HTML 17Page - STMicroelectronics TSU111 Datasheet HTML 18Page - STMicroelectronics TSU111 Datasheet HTML 19Page - STMicroelectronics TSU111 Datasheet HTML 20Page - STMicroelectronics TSU111 Datasheet HTML 21Page - STMicroelectronics TSU111 Datasheet HTML 22Page - STMicroelectronics TSU111 Datasheet HTML 23Page - STMicroelectronics TSU111 Datasheet HTML 24Page - STMicroelectronics TSU111 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TSU111
Application information
DocID029790 Rev 2
21/30
Figure 35: Potentiostat schematic using the TSU111
5.6
Fast desaturation
When the TSU111 goes into saturation mode, it takes a short period of time to recover,
typically 630 µs. When recovering after saturation, the TSU111 does not exhibit any
voltage peaks that could generate issues (such as false alarms) in the application
(see Figure 14).
We can observe that this circuit still exhibits good gain even close to the rails i.e. Avd
greater than 105 dB for Vcc = 3.3 V with Vout varying from 200 mV up to a supply voltage
minus 200 mV. With a trans-impedance schematic, a voltage reference can be used to
keep the signal away from the supply rails.
5.7
Using the TSU111 in comparator mode
The TSU111 can be used as a comparator. In this case, the output stage of the device
always operates in saturation mode. In addition, Figure 3 shows that the current
consumption is not higher and even decreases smoothly close to the rails. The TSU111 is
obviously an operational amplifier and is therefore optimized for use in linear mode. We
recommend using the TS88 series of nanopower comparators if the primary function is to
perform a signal comparison only.
TSU111
+
-
V ref2
TSU111
+
-
V ref1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com