Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU111 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSU111
Description  Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU111 Datasheet(HTML) 5 Page - STMicroelectronics

  TSU111 Datasheet HTML 1Page - STMicroelectronics TSU111 Datasheet HTML 2Page - STMicroelectronics TSU111 Datasheet HTML 3Page - STMicroelectronics TSU111 Datasheet HTML 4Page - STMicroelectronics TSU111 Datasheet HTML 5Page - STMicroelectronics TSU111 Datasheet HTML 6Page - STMicroelectronics TSU111 Datasheet HTML 7Page - STMicroelectronics TSU111 Datasheet HTML 8Page - STMicroelectronics TSU111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TSU111
Electrical characteristics
DocID029790 Rev 2
5/30
3
Electrical characteristics
Table 3: Electrical characteristics at (VCC+) = 1.8 V with (VCC-) = 0 V, Vicm = VCC/2,
Tamb = 25 °C, and RL = 1 MΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
150
µV
-40 °C < T< 85 °C
235
ΔVio/ΔT
Input offset voltage drift
-40 °C < T< 85 °C
1.4
μV/°C
ΔVio
Long-term input offset voltage
drift
T = 25 °C (1)
TBD
µV/√month
Iio
Input offset current (2)
T = 25 °C
1
10
pA
-40 °C < T< 85 °C
50
Iib
Input bias current (2)
T = 25 °C
1
10
-40 °C < T< 85 °C
50
CMR
Common mode rejection
ratio, 20 log (ΔVicm/ΔVio),
Vicm = 0 to 1.8 V
T = 25 °C
76
107
dB
-40 °C < T< 85 °C
71
Avd
Large signal voltage gain,
Vout = 0.2 V to (VCC+) - 0.2 V
RL
= 100 kΩ, T = 25 °C
95
120
RL
= 100 kΩ, -40 °C < T< 85 °C
90
VOH
High-level output voltage,
(drop from VCC+)
RL = 10
kΩ, T = 25 °C
10
25
mV
RL = 10
kΩ, -40 °C < T< 85 °C
40
VOL
Low-level output voltage
RL = 10
kΩ, T = 25°C
8
25
RL = 10
kΩ, -40 °C < T< 85 °C
40
Iout
Output sink current,
Vout = VCC , VΙD = -200 mV
T = 25 °C
2.8
5
mA
-40 °C < T< 85 °C
1.5
Output source current,
Vout = 0 V, VΙD = 200 mV
T = 25 °C
2
4
-40 °C < T< 85 °C
1.5
ICC
Supply current (per channel),
no load, Vout = VCC/2
T = 25 °C
900
1200
nA
-40 °C < T< 85 °C
1480
AC performance
GBP
Gain bandwidth product
RL = 1
MΩ, CL = 60 pF
10
kHz
Fu
Unity gain frequency
8
Φm
Phase margin
60
degrees
Gm
Gain margin
10
dB
SR
Slew rate (10 % to 90 %)
RL
= 1 MΩ, CL = 60 pF,
Vout = 0.3 V to (VCC+) - 0.3 V
2.5
V/ms
en
Equivalent input noise voltage
f = 100 Hz
220
nV/√Hz
ʃen
Low-frequency,
peak-to-peak input noise
Bandwidth: f = 0.1 to 10 Hz
3.8
µVpp
trec
Overload recovery time
100 mV from rail in comparator,
RL = 100
kΩ, VΙD = ±1 V,
-40 °C < T< 85 °C
325
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com