Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7233EM Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7233EM
Description  SPI Driver for Enhanced Relay Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233EM Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7233EM Datasheet HTML 5Page - Infineon Technologies AG TLE7233EM Datasheet HTML 6Page - Infineon Technologies AG TLE7233EM Datasheet HTML 7Page - Infineon Technologies AG TLE7233EM Datasheet HTML 8Page - Infineon Technologies AG TLE7233EM Datasheet HTML 9Page - Infineon Technologies AG TLE7233EM Datasheet HTML 10Page - Infineon Technologies AG TLE7233EM Datasheet HTML 11Page - Infineon Technologies AG TLE7233EM Datasheet HTML 12Page - Infineon Technologies AG TLE7233EM Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Data Sheet
9
Rev. 1.2, 2014-05-09
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233EM
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings 1)
T
J = -40 °C to +150 °C; VDD = 3.0 V to VDDA, VDDA = 4.5 V to 5.5 V.
All voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Power Supply
4.1.1
Digital supply voltage
V
DD
-0.3
5.5
V
–
4.1.2
Analog supply voltage
V
DDA
-0.3
5.5
V
–
Power Stages
4.1.3
Load current
I
D
-0.5
0.5
A
–
4.1.4
Output voltage for short circuit protection
(single pulse)
V
D
–36
V
–
4.1.5
Voltage at power transistor
V
DS
–
41
V
active clamped
4.1.6
Maximum energy dissipation one
channel
E
AS
mJ
– 2)
single pulse
–
65
T
J(0) = 85 °C
I
D(0) = 0.35 A
single pulse
–
30
T
J(0) = 150 °C
I
D(0) = 0.25 A
repetitive (1 · 104 cycles)
E
AR
–18
T
J(0) = 150 °C
I
D(0) = 0.25 A
repetitive (1 · 106 cycles)
–
13
T
J(0) = 150 °C
I
D(0) = 0.17 A
Logic Pins
4.1.7
Voltage at input pins
V
IN0..3
-0.3
5.5
V
–
4.1.8
Voltage at LHI pin
V
LHI
-0.3
5.5
V
–
4.1.9
Voltage at reset pin
V
RST
-0.3
V
DD + 0.3
V
– 3)
4.1.10
Voltage at chip select pin
V
CS
-0.3
V
DD + 0.3
V
– 3)
4.1.11
Voltage at serial clock pin
V
SCLK
-0.3
V
DD + 0.3
V
– 3)
4.1.12
Voltage at serial input pin
V
SI
-0.3
V
DD + 0.3
V
– 3)
4.1.13
Voltage at serial output pin
V
SO
-0.3
V
DD + 0.3
V
– 3)
Temperatures
4.1.14
Junction Temperature during operation
T
J
-40
150
°C–
4.1.15
Storage Temperature
T
STG
-55
150
°C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com