Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7233EM Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7233EM
Description  SPI Driver for Enhanced Relay Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233EM Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7233EM Datasheet HTML 6Page - Infineon Technologies AG TLE7233EM Datasheet HTML 7Page - Infineon Technologies AG TLE7233EM Datasheet HTML 8Page - Infineon Technologies AG TLE7233EM Datasheet HTML 9Page - Infineon Technologies AG TLE7233EM Datasheet HTML 10Page - Infineon Technologies AG TLE7233EM Datasheet HTML 11Page - Infineon Technologies AG TLE7233EM Datasheet HTML 12Page - Infineon Technologies AG TLE7233EM Datasheet HTML 13Page - Infineon Technologies AG TLE7233EM Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233EM
General Product Characteristics
Data Sheet
10
Rev. 1.2, 2014-05-09
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
ESD Susceptibility
4.1.16
ESD Resistivity
V
ESD
kV
HBM4)
OUTn vs. GND
-4
4
all other pins
-2
2
1) Not subject to production test, specified by design.
2) Pulse shape represents inductive switch off:
ID(t) = ID(0) × (1 - t / tpulse); 0 < t < tpulse
3)
V
DD + 0.3V < 5.5V
4) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS-001-2010
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Digital supply voltage
V
DD
3.0
5.5
V
–
4.2.2
Analog supply voltage
V
DDA
4.5
5.5
V
–
4.2.3
Digital supply current all channels
ON
I
DD(ON)
–100
µA
–
4.2.4
Analog supply current all channels
ON
I
DDA(ON)
–3mA
–
4.2.5
Analog supply turn-ON time
t
DDA(ON)
15
–
µs
V
DDA = 0V to 5V
(linear)
Absolute Maximum Ratings (cont’d)1)
T
J = -40 °C to +150 °C; VDD = 3.0 V to VDDA, VDDA = 4.5 V to 5.5 V.
All voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com