Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7233EM Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE7233EM
Description  SPI Driver for Enhanced Relay Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233EM Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7233EM Datasheet HTML 15Page - Infineon Technologies AG TLE7233EM Datasheet HTML 16Page - Infineon Technologies AG TLE7233EM Datasheet HTML 17Page - Infineon Technologies AG TLE7233EM Datasheet HTML 18Page - Infineon Technologies AG TLE7233EM Datasheet HTML 19Page - Infineon Technologies AG TLE7233EM Datasheet HTML 20Page - Infineon Technologies AG TLE7233EM Datasheet HTML 21Page - Infineon Technologies AG TLE7233EM Datasheet HTML 22Page - Infineon Technologies AG TLE7233EM Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Data Sheet
19
Rev. 1.2, 2014-05-09
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233EM
Protection Functions
7
Protection Functions
Note: The device provides embedded protective functions. Integrated protection functions are designed to prevent
IC destruction under fault conditions described in this data sheet. Fault conditions are considered as
“outside” normal operating range. Protection functions are not designed for continuous repetitive operation.
7.1
Over Load Protection
The TLE7233EM is protected against over load or short circuit of the load. After time
t
OFF(OVL), the over loaded
channel n switches off and therefore the corresponding diagnostics flag Dn is set. The channel can be switched
on after clearing the diagnostics flag as described in chapter 8. Please refer to Figure 8 for details.
Figure 8
Shut Down at Over Load on channel 0
7.2
Over Temperature Protection
A temperature sensor for each channel causes an overheated channel n to switch off to prevent destruction. Then
the according diagnostics flag Dn is set. The channel can be switched on after clearing the diagnosis flag and a
junction temperature decrease of
ΔT
J. Please refer to Chapter 8 for information on diagnostics features.
7.3
Reverse Polarity Protection
In case of reverse polarity, the intrinsic body diode of the power transistor causes increased power dissipation.
The reverse current through the intrinsic body diode of the power transistor has to be limited by the connected
load. The VDD and VDDA supply pins must be externally protected against reverse polarity. The over temperature
and over load protection are not active during reverse polarity.
IN
ID0
t
t
OverLoad.emf
tOFF(OVL)
IN0 = 01 b
ID0(OVL)
IN0 = 00 b
D0 = 1b
D0 = 0 b
IN0 = 01 b
D0 = 0 b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com