Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7233EM Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7233EM
Description  SPI Driver for Enhanced Relay Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233EM Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7233EM Datasheet HTML 7Page - Infineon Technologies AG TLE7233EM Datasheet HTML 8Page - Infineon Technologies AG TLE7233EM Datasheet HTML 9Page - Infineon Technologies AG TLE7233EM Datasheet HTML 10Page - Infineon Technologies AG TLE7233EM Datasheet HTML 11Page - Infineon Technologies AG TLE7233EM Datasheet HTML 12Page - Infineon Technologies AG TLE7233EM Datasheet HTML 13Page - Infineon Technologies AG TLE7233EM Datasheet HTML 14Page - Infineon Technologies AG TLE7233EM Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Data Sheet
11
Rev. 1.2, 2014-05-09
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233EM
General Product Characteristics
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards.
For more information, go to www.jedec.org.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.6
Junction to Case, bottom
R
thJC,back
–
–4K/W
– 1) 2)
1) Not test subject to production test, specified by design
2) Specified RthJC value is simulated at natural convection on a cold plate setup (all pins are fixed to ambient temperature).
TA = 85 °C. Ch0 to Ch3 are dissipating 1 W power (0.25 W each).
4.3.7
Junction to Case, top
R
thJC,top
––
35
K/W
– 1) 2)
4.3.8
Junction to Pin (6,7,18 or 19)
R
thJPin
––
15
K/W
– 1) 2)
4.3.9
Junction to Ambient
(1s0p, min. footprint)
R
thJA,min
–95
–
K/W
– 1) 3)
3) Specified RthJA value is according to JEDEC JESD51-2,-3 at natural convection on FR4 1s0p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with minimal footprint copper area and 70 µm thickness.
TA = 85 °C. Ch0 to Ch3 are dissipating 1 W power (0.25 W each).
4.3.10
Junction to Ambient
(1s0p + 300mm2 Cu)
R
thJA,300
–52
–
K/W
– 1) 4)
4) Specified RthJA value is according to JEDEC JESD51-2,-3 at natural convection on FR4 1s0p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with additional heatspreading copper area of 300 mm2
and 70 µm thickness. TA = 85 °C. Ch0 to Ch3 are dissipating 1 W power (0.25 W each).
4.3.11
Junction to Ambient
(1s0p + 600mm2 Cu)
R
thJA,600
–45
–
K/W
– 1) 5)
5) Specified RthJA value is according to JEDEC JESD51-2,-3 at natural convection on FR4 1s0p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with additional heatspreading copper area of 600 mm2
and 70 µm thickness. TA = 85°C. Ch0 to Ch3 are dissipating 1 W power (0.25 W each).
4.3.12
Junction to Ambient (2s2p)
R
thJA,2s2p
–33
–
K/W
– 1) 6)
6) Specified RthJA value is according to JEDEC JESD51-2,-7 at natural convection on FR4 2s2p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70 µm Cu, 2 x 35 µm Cu).
TA = 85°C. Ch0 to Ch3 are dissipating 1 W power (0.25 W each).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com