Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7233EM Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7233EM
Description  SPI Driver for Enhanced Relay Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233EM Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7233EM Datasheet HTML 17Page - Infineon Technologies AG TLE7233EM Datasheet HTML 18Page - Infineon Technologies AG TLE7233EM Datasheet HTML 19Page - Infineon Technologies AG TLE7233EM Datasheet HTML 20Page - Infineon Technologies AG TLE7233EM Datasheet HTML 21Page - Infineon Technologies AG TLE7233EM Datasheet HTML 22Page - Infineon Technologies AG TLE7233EM Datasheet HTML 23Page - Infineon Technologies AG TLE7233EM Datasheet HTML 24Page - Infineon Technologies AG TLE7233EM Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Data Sheet
21
Rev. 1.2, 2014-05-09
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233EM
Diagnostic Features
8
Diagnostic Features
The SPI of TLE7233EM provides diagnosis information about the device and about the load. The diagnosis
information of the protective functions of channel n is latched in the diagnosis flag Dn. The open load diagnosis of
channel n is latched in the diagnosis flag OLn. Both flags are cleared by INn =00B which disables the diagnosis
current ID(PD) (a small pull down current) as well.
Following table shows possible failure modes and the according protective and diagnostic action.
j
8.1
Open Load Diagnosis timing
The TLE7233EM offers an open load diagnosis for each channel in OFF mode.
The time td(OL) is applied to filter short time events.
Figure 9
Open Load timing
Failure Mode
Comment
Open Load
or short circuit to GND
Diagnosis, when channel n is switched on:
INn = 01B: if input pin is high: none
INn = 10B: none
Diagnosis, when channel n is switched off:
INn = 00B: none, diagnosis flags are cleared and the diagnosis current is switched off
INn = 01B: if input pin is low, according to voltage at the output pin, the flag OLn is set
after time td(OL)
INn = 11B: according to voltage level at the output pin, the flag OLn is set after time td(OL)
Over temperature
When over temperature occurs, the affected channel n is switched off. The according
diagnosis flag Dn is set.
The diagnosis flags are latched until they have been cleared by INn = 00B. The over
temperature detection is active in ON-state as well as OFF-state.
Over Load
(Short Circuit)
When over load is detected at channel n, the affected channel is switched off after time
tOFF(OVL) and the dedicated diagnosis flag Dn is set.
The diagnosis flags are latched until they have been cleared by INn = 00B.
OpenLoad.emf
IN
VDS
t
t
td(OL)
OLn = 1b
Open Load occures here
IN
VDS
t
t
td(OL)
OLn = 1b
VDS(OL)
Open Load occures here
VDS(OL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com