Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7233EM Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7233EM
Description  SPI Driver for Enhanced Relay Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233EM Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7233EM Datasheet HTML 8Page - Infineon Technologies AG TLE7233EM Datasheet HTML 9Page - Infineon Technologies AG TLE7233EM Datasheet HTML 10Page - Infineon Technologies AG TLE7233EM Datasheet HTML 11Page - Infineon Technologies AG TLE7233EM Datasheet HTML 12Page - Infineon Technologies AG TLE7233EM Datasheet HTML 13Page - Infineon Technologies AG TLE7233EM Datasheet HTML 14Page - Infineon Technologies AG TLE7233EM Datasheet HTML 15Page - Infineon Technologies AG TLE7233EM Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233EM
Power Supply
Data Sheet
12
Rev. 1.2, 2014-05-09
5
Power Supply
The TLE7233EM is supplied by two power supply lines
V
DD and VDDA. The digital power supply line VDD is designed
to be functional at a very wide voltage range. The analog power supply
V
DDA supports 5 V supply.
Power-on reset functions have been implemented for both supply lines. After start-up of the power supply, all SPI
registers are reset to their default values and the device remains in idle mode. Capacitors between VDD and GND
pins, and VDDA and GND pins are recommended.
A reset pin is available. At low logic level at this pin, all registers are set to their default values and the quiescent
supply currents are minimized.
The
V
DD supply line is used for the I/O buffer circuits of the SPI pins, therefore the voltage on the SO pin is always
related to this supply voltage. A capacitor between VDD and and GND pin is recommended.
To enable the Daisy chain functionality it is necessary to have
V
DD and VDDA in the specified functional range.
The device provides a sleep mode to minimize current consumption, which also resets the register banks. It is
controlled by a low active reset pin (RST) which disables the device and minimize the current consumption. The
table below gives an overview of the different power modes.
Table 2
Power modes1)
1) low: pin input is digital low,
high: pin input is digital high,
X: pin state don’t care,
ON: voltage on this analog supply pin is in the specified functional range
Power mode State Description
RST
(low active)
V
DD
V
DDA
SCLK
LHI
SLEEP
Device at minimum current consumption
low
X
X
0 Hz
low
IDLE
Device operational, all channels OFF no
diagnosis activated
high
ON
ON
0 Hz
low
LIMP HOME Device in Limp home mode
X
X
ON
X
high
ON
Device operational with enabled channels and
diagnostic currents active
high
ON
ON
5 MHz
(max)
low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com