Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7233EM Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7233EM
Description  SPI Driver for Enhanced Relay Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233EM Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7233EM Datasheet HTML 10Page - Infineon Technologies AG TLE7233EM Datasheet HTML 11Page - Infineon Technologies AG TLE7233EM Datasheet HTML 12Page - Infineon Technologies AG TLE7233EM Datasheet HTML 13Page - Infineon Technologies AG TLE7233EM Datasheet HTML 14Page - Infineon Technologies AG TLE7233EM Datasheet HTML 15Page - Infineon Technologies AG TLE7233EM Datasheet HTML 16Page - Infineon Technologies AG TLE7233EM Datasheet HTML 17Page - Infineon Technologies AG TLE7233EM Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233EM
Power Stages
Data Sheet
14
Rev. 1.2, 2014-05-09
6
Power Stages
The TLE7233EM is a four channel low-side relay switch.
The power stages are made of N-channel vertical power MOSFET transistors.
6.1
Input Circuit
The TLE7233EM has four input pins, which can be configured to be used for control of the output stages. The INn
parameter of the SPI provide the following operation modes (see Figure 5):
•
channel is in off mode without diagnosis
(if all channels are programmed to this mode, the device goes into idle mode)
•
channel is switched according to signal level at input pin INn
•
channel is switched on with active diagnosis
•
channel is switched off with active diagnosis
Figure 4 shows the input circuit of TLE7233EM.
Figure 4
Input signal conditioning circuit on all input and limp home pins
The current sink to ground ensures that the channels switch off in case of open input pin. The zener diode protects
the input circuit against ESD pulses. After power-on reset, the device enters idle mode.
IN
I
IN
InputStage.emf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com