Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB422 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 17Page - Texas Instruments TUSB422 Datasheet HTML 18Page - Texas Instruments TUSB422 Datasheet HTML 19Page - Texas Instruments TUSB422 Datasheet HTML 20Page - Texas Instruments TUSB422 Datasheet HTML 21Page - Texas Instruments TUSB422 Datasheet HTML 22Page - Texas Instruments TUSB422 Datasheet HTML 23Page - Texas Instruments TUSB422 Datasheet HTML 24Page - Texas Instruments TUSB422 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
21
TUSB422
www.ti.com
SLLSEW6 – NOVEMBER 2016
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Register Maps (continued)
Table 5. Register Maps (continued)
ADDRESS
REGISTER NAME
RESET
DEFINITION
0x35
RX_BUF_OBJ1_BYTE_1
0x00
RX Byte 1 (bits 15..8) of 1st data object
0x36
RX_BUF_OBJ1_BYTE_2
0x00
RX Byte 2 (bits 23..16) of 1st data object
0x37
RX_BUF_OBJ1_BYTE_3
0x00
RX Byte 3 (bits 31..24) of 1st data object
0x38
RX_BUF_OBJ2_BYTE_0
0x00
RX Byte 0 (bits 7..0) of 2nd data object
0x39
RX_BUF_OBJ2_BYTE_1
0x00
RX Byte 1 (bits 15..8) of 2nd data object
0x3A
RX_BUF_OBJ2_BYTE_2
0x00
RX Byte 2 (bits 23..16) of 2nd data object
0x3B
RX_BUF_OBJ2_BYTE_3
0x00
RX Byte 3 (bits 31..24) of 2nd data object
0x3C
RX_BUF_OBJ3_BYTE_0
0x00
RX Byte 0 (bits 7..0) of 3rd data object
0x3D
RX_BUF_OBJ3_BYTE_1
0x00
RX Byte 1 (bits 15..8) of 3rd data object
0x3E
RX_BUF_OBJ3_BYTE_2
0x00
RX Byte 2 (bits 23..16) of 3rd data object
0x3F
RX_BUF_OBJ3_BYTE_3
0x00
RX Byte 3 (bits 31..24) of 3rd data object
0x40
RX_BUF_OBJ4_BYTE_0
0x00
RX Byte 0 (bits 7..0) of 4th data object
0x41
RX_BUF_OBJ4_BYTE_1
0x00
RX Byte 1 (bits 15..8) of 4th data object
0x42
RX_BUF_OBJ4_BYTE_2
0x00
RX Byte 2 (bits 23..16) of 4th data object
0x43
RX_BUF_OBJ4_BYTE_3
0x00
RX Byte 3 (bits 31..24) of 4th data object
0x44
RX_BUF_OBJ5_BYTE_0
0x00
RX Byte 0 (bits 7..0) of 5th data object
0x45
RX_BUF_OBJ5_BYTE_1
0x00
RX Byte 1 (bits 15..8) of 5th data object
0x46
RX_BUF_OBJ5_BYTE_2
0x00
RX Byte 2 (bits 23..16) of 5th data object
0x47
RX_BUF_OBJ5_BYTE_3
0x00
RX Byte 3 (bits 31..24) of 5th data object
0x49
RX_BUF_OBJ6_BYTE_1
0x00
RX Byte 1 (bits 15..8) of 6th data object
0x4A
RX_BUF_OBJ6_BYTE_2
0x00
RX Byte 2 (bits 23..16) of 6th data object
0x4B
RX_BUF_OBJ6_BYTE_3
0x00
RX Byte 3 (bits 31..24) of 6th data object
0x4C
RX_BUF_OBJ7_BYTE_0
0x00
RX Byte 0 (bits 7..0) of 7th data object
0x4D
RX_BUF_OBJ7_BYTE_1
0x00
RX Byte 1 (bits 15..8) of 7th data object
0x4E
RX_BUF_OBJ7_BYTE_2
0x00
RX Byte 2 (bits 23..16) of 7th data object
0x4F
RX_BUF_OBJ7_BYTE_3
0x00
RX byte 3 (bits 31..24) of 7th data object
0x50
TRANSMIT
0x00
Retry count and SOP* TX type
0x51
TRANSMIT_BYTE_COUNT
0x00
The number of bytes the TCPM will write
0x52
TX_BUF_HEADER_BYTE_0
0x00
Byte 0 (bits 7..0) of TX message header
0x53
TX_BUF_HEADER_BYTE_1
0x00
Byte 1 (bits 15..8) of TX message header
0x54
TX_BUF_OBJ1_BYTE_0
0x00
TX Byte 0 (bits 7..0) of 1st data object
0x55
TX_BUF_OBJ1_BYTE_1
0x00
TX Byte 1 (bits 15..8) of 1st data object
0x56
TX_BUF_OBJ1_BYTE_2
0x00
TX Byte 2 (bits 23..16) of 1st data object
0x57
TX_BUF_OBJ1_BYTE_3
0x00
TX Byte 3 (bits 31..24) of 1st data object
0x58
TX_BUF_OBJ2_BYTE_0
0x00
TX Byte 0 (bits 7..0) of 2nd data object
0x59
TX_BUF_OBJ2_BYTE_1
0x00
TX Byte 1 (bits 15..8) of 2nd data object
0x5A
TX_BUF_OBJ2_BYTE_2
0x00
TX Byte 2 (bits 23..16) of 2nd data object
0x5B
TX_BUF_OBJ2_BYTE_3
0x00
TX Byte 3 (bits 31..24) of 2nd data object
0x5C
TX_BUF_OBJ3_BYTE_0
0x00
TX Byte 0 (bits 7..0) of 3rd data object
0x5D
TX_BUF_OBJ3_BYTE_1
0x00
TX Byte 1 (bits 15..8) of 3rd data object
0x5E
TX_BUF_OBJ3_BYTE_2
0x00
TX Byte 2 (bits 23..16) of 3rd data object
0x5F
TX_BUF_OBJ3_BYTE_3
0x00
TX Byte 3 (bits 31..24) of 3rd data object
0x60
TX_BUF_OBJ4_BYTE_0
0x00
TX Byte 0 (bits 7..0) of 4th data object
0x61
TX_BUF_OBJ4_BYTE_1
0x00
TX Byte 1 (bits 15..8) of 4th data object
0x62
TX_BUF_OBJ4_BYTE_2
0x00
TX Byte 2 (bits 23..16) of 4th data object
0x63
TX_BUF_OBJ4_BYTE_3
0x00
TX Byte 3 (bits 31..24) of 4th data object



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com