Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB422 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 45Page - Texas Instruments TUSB422 Datasheet HTML 46Page - Texas Instruments TUSB422 Datasheet HTML 47Page - Texas Instruments TUSB422 Datasheet HTML 48Page - Texas Instruments TUSB422 Datasheet HTML 49Page - Texas Instruments TUSB422 Datasheet HTML 50Page - Texas Instruments TUSB422 Datasheet HTML 51Page - Texas Instruments TUSB422 Datasheet HTML 52Page - Texas Instruments TUSB422 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
49
TUSB422
www.ti.com
SLLSEW6 – NOVEMBER 2016
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.40 Receive Buffer Header Byte 1 Register (address = 0x33) [reset = 0x00]
Figure 48. Receive Buffer Header Byte 1 Register
7
6
5
4
3
2
1
0
RX_BUF_HDR_BYTE_1
RU
LEGEND: R/W = Read/Write; R = Read only
Table 45. Receive Buffer Header Byte 1 Descriptions
Bit
Field
Type
Reset
Description
7:0
RX_BUF_HDR_BYTE_1
RU
0x00
Byte 1 (bits 15:8) of USB PD message header.
7.6.41 Receive Buffer Data Object 1 Through 7 Register (address = 0x34 through 0x4F) [reset = 0x00]
Figure 49. Receive Buffer Data Object 1 Through 7 Register
7
6
5
4
3
2
1
0
RX_BUFF_OBJx_BYTE_x
RU
LEGEND: R/W = Read/Write; R = Read only
Table 46. Receive Buffer Data Object 1 Through 7 Descriptions
Bit
Field
Type
Reset
Description
7
RX_BUFF_OBJy_BYTE_x
R
0x00
RX Byte x.
7.6.42 Transmit Register (address = 0x50) [reset = 0x00]
The TUSB422 clears this register after packet is transmitted regardless of outcome.
Figure 50. Transmit Register
7
6
5
4
3
2
1
0
Reserved
RETRY_COUNTER
Reserved
TX_SOP_MESSAGE
RW
RWU
RW
RWU
LEGEND: R/W = Read/Write; R = Read only
Table 47. Transmit Register Descriptions
Bit
Field
Type
Reset
Description
7:6
Reserved
RW
00
Shall be set to zero by sender and ignored by receiver
5:4
RETRY_COUNTER
RWU
00
00b: No message retry is required
01b: Automatically retry message transmission once
10b: Automatically retry message transmission twice
11b: Automatically retry message transmission three times
3
Reserved
RW
0
Shall be set to zero by sender, shall be ignored by receiver
2:0
TX_SOP_MESSAGE
RWU
000
000b: Transmit SOP
001b: Transmit SOP'
010b: Transmit SOP''
011b: Transmit SOP_DBG’
100b: Transmit SOP_DBG’’
101b: Transmit Hard Reset
110b: Transmit Cable Reset
111b: Transmit BIST Carrier Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com