Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB422 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 35Page - Texas Instruments TUSB422 Datasheet HTML 36Page - Texas Instruments TUSB422 Datasheet HTML 37Page - Texas Instruments TUSB422 Datasheet HTML 38Page - Texas Instruments TUSB422 Datasheet HTML 39Page - Texas Instruments TUSB422 Datasheet HTML 40Page - Texas Instruments TUSB422 Datasheet HTML 41Page - Texas Instruments TUSB422 Datasheet HTML 42Page - Texas Instruments TUSB422 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
39
TUSB422
www.ti.com
SLLSEW6 – NOVEMBER 2016
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.27 Fault Status Register (address = 0x1F) [reset = 0x00]
Figure 35. Fault Status Register
7
6
5
4
3
2
1
0
Reserved
FORCEOFF_V
BUS_STATUS
AUTO_DIS_FAI
L_STATUS
FORCE_DIS_F
AIL_STATUS
VBUS_OCP_F
AULT_STATUS
VBUS_OVP_F
AULT_STATUS
VCONN_OCP_
FAULT_STATU
S
I2C_INT_ERR
OR_STATUS
R
RCU
RCU
RCU
RCU
RCU
RCU
RCU
LEGEND: R/W = Read/Write; R = Read only
Table 32. Fault Status Register Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
R
0
Shall be set to zero by sender and ignored by receiver
6
FORCEOFF_VBUS_STATUS
RCU
0
0b: No Fault Detected, no action (default and not supported)
1b: VBUS Source/Sink has been forced off due to external fault
The TUSB422 has disconnected VBUS due to
STANDARD_INPUT.ForceOffVbus.
This field has no meaning for TUSB422
5
AUTO_DIS_FAIL_STATUS
RCU
0
0b: No discharge failure
1b: Discharge commanded by the TCPM failed
If POWER_CONTROL.AutoDischargeDisconnect is set, the
TUSB422 will report discharge fails if VBUS is not below
vSafe0V within tSafe0V.
4
FORCE_DIS_FAIL_STATUS
RCU
0
0b: No discharge failure
1b: Discharge commanded by the TCPM failed
If POWER_CONTROL.ForceDischarge is set, the TUSB422 will
report a discharge fails if VBUS is not below vSafe0V within
tSafe0V.
3
VBUS_OCP_FAULT_STATUS
RCU
0
0b: Not in an over-current protection state
1b: Over-current fault latched
This field has no meaning for TUSB422
2
VBUS_OVP_FAULT_STATUS
RCU
0
0b: Not in an over-voltage protection state
1b: Over-voltage fault latched.
This field has no meaning for TUSB422
1
VCONN_OCP_FAULT_STATUS
RCU
0
The TUSB422 will set this flag if an VCONN over current fault is
detected. This flag will also get set if voltage on VCONN pin
drops between VCONN present threshold while the Vconn
switch is still closed.
0b: No Fault detected
1b: Over current VCONN fault latched
0
I2C_INT_ERROR_STATUS
RCU
0
0b: No Error
1b: I2C error has occurred. A TRANSMIT has been sent with an
empty TRANSMIT_BUFFER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com