Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB422 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB422 Datasheet HTML 1Page - Texas Instruments TUSB422 Datasheet HTML 2Page - Texas Instruments TUSB422 Datasheet HTML 3Page - Texas Instruments TUSB422 Datasheet HTML 4Page - Texas Instruments TUSB422 Datasheet HTML 5Page - Texas Instruments TUSB422 Datasheet HTML 6Page - Texas Instruments TUSB422 Datasheet HTML 7Page - Texas Instruments TUSB422 Datasheet HTML 8Page - Texas Instruments TUSB422 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
5
TUSB422
www.ti.com
SLLSEW6 – NOVEMBER 2016
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TUSB422
UNIT
YFF (DSBGA)
9 PINS
RΘJA
Junction-to-ambient thermal resistance
114.3
°C/W
RΘJC(top)
Junction-to-case (top) thermal resistance
0.7
°C/W
RΘJB
Junction-to-board thermal resistance
24.9
°C/W
ΨJT
Junction-to-top characterization parameter
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
24.9
°C/W
RΘJC(bot)
Junction-to-case (bottom) thermal resistance
NA
°C/W
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Consumption
I(UNATTACHED_UFP)
UFP Current consumption in
Unattached.SNK when port is unconnected
and waiting for connection
VDD = 3.7 V
10
µA
I(UNATTACHED_DRP)
DRP Current consumption while toggling
between Unattached.SNK and
Unattached.SRC when port is unconnected
and waiting for connection.
VDD = 3.7 V
12
µA
I(UNATTACHED_DFP)
DFP Current consumption in
Unattached.SRC when port is unconnected
and waiting for connection
VDD = 3.7 V
11
µA
I(ACTIVE_UFP)
UFP Current consumption in attached.SNK
Active Mode. PD Disabled.
VDD = 3.7 V
330
µA
I(ACTIVE_UFP_PD)
UFP current consumption in attached.SNK
with PD enabled and transmitting continuous
BIST Carrier Mode 2.
VDD = 3.7 V;
TX_CARRIER_MODE2_SEL = 1;
5.2
mA
CC pins (CC1 and CC2)
VCC(USB_DB)
Voltage on both CC pins when in dead
battery and the attached DFP is presenting
default current advertisement
VDD = 0V
0.25
1.5
V
VCC(MED_DB)
Voltage on both CC pins when in dead
battery and the attached DFP is presenting
medium current (1.5A) advertisement
VDD = 0 V
0.45
1.5
V
VCC(HIGH_DB)
Voltage on both CC pins when in dead
battery and the attached DFP is presenting
high current (3.0A) advertisement
VDD = 0 V
0.88
2.18
V
R(CC_RD)
Pull-down resistor when in UFP or DRP
mode
VDD = 2.7 V to 5.5V
4.6
5.1
5.6
kΩ
R(CC_RA)
Pull-down resistor for active cable
VDD = 2.7 V to 5.5 V
0.8
1
1.2
kΩ
ICC(LKG)
Leakage current through CC pins
VDD = 0 V; VCONN = 0 V; CC pin = 5.5 V
1.36
mA
V(UFP_CC_USB)
Voltage level range for detecting a DFP
attach when configured as a UFP and DFP
is advertising default current source
capability
0.25
0.61
V
V(UFP_CC_MED)
Voltage level range for detecting a DFP
attach when configured as a UFP and DFP
is advertising medium (1.5A) current source
capability
0.7
1.16
V
V(UFP_CC_HIGH)
Voltage level range for detecting a DFP
attach when configured as a UFP and DFP
is advertising high (3.0A) current source
capability
1.31
2.04
V
VTH(DFP_CC_USB)
Voltage threshold for detecting a UFP attach
when TUSB422 is advertising default current
source capability.
1.51
1.6
1.64
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com