Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB422 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 32Page - Texas Instruments TUSB422 Datasheet HTML 33Page - Texas Instruments TUSB422 Datasheet HTML 34Page - Texas Instruments TUSB422 Datasheet HTML 35Page - Texas Instruments TUSB422 Datasheet HTML 36Page - Texas Instruments TUSB422 Datasheet HTML 37Page - Texas Instruments TUSB422 Datasheet HTML 38Page - Texas Instruments TUSB422 Datasheet HTML 39Page - Texas Instruments TUSB422 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
36
TUSB422
SLLSEW6 – NOVEMBER 2016
www.ti.com
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.24 Power Control Register (address = 0x1C) [reset = 0x60]
Figure 32. Power Control Register
7
6
5
4
3
2
1
0
Reserved
VBUS_VOLTA
GE_MONITOR
DISABLE_VOL
TAGE_ALARM
S
AUTO_DISCHA
RGE_DISCON
NECT
EN_BLEED_DI
SCHARGE
FORCE_DISC
HARGE
VCONN_PWR_
SUPPORTED
ENABLE_VCO
NN
R
RW
RW
RW
RW
RWU
RWU
RW
LEGEND: R/W = Read/Write; R = Read only
Table 29. Power Control Register Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
R
0
Reserved
6
VBUS_VOLTAGE_MONITOR
RW
1
0b: VBUS_VOLTAGE Monitoring is enabled.
1b: VBUS_VOLTAGE Monitoring is disabled.
Controls only VBUS VOLTAGE Monitoring. VBUS_VOLTAGE
will report all zeroes if disabled.
5
DISABLE_VOLTAGE_ALARMS
RW
1
0b: Voltage Alarms Power status reporting is enabled
1b: Voltage Alarms Power status reporting is disabled
Controls VBUS_VOLTAGE_ALARM_HI_CFG and
VBUS_VOLTAGE_ALARM_LO_CFG.
4
AUTO_DISCHARGE_DISCONNEC
T
RW
0
0b: The TUSB422 shall not automatically discharge VBUS
based on VBUS voltage. (Default)
1b: The TUSB422 shall automatically discharge
3
EN_BLEED_DISCHARGE
RW
0
0b: Disable bleed discharge
1b: Enable bleed discharge of VBUS
2
FORCE_DISCHARGE
RWU
0
When this field is set, the TUSB422 will discharge VBUS to
Vsafe0V or threshold programmed in the
VBUS_STOP_DISCHARGE_THRESHOLD register. Once VBUS
is discharged to desired level, the TUSB422 will disable the
Force Discharge.
0b: Disable forced discharge
1b: Enable forced discharge of VBUS.
1
VCONN_PWR_SUPPORTED
RW
0
0b: TUSB422 delivers at least 1W on VCONN
1b: TUSB422 delivers at least the power indicated in
DEVICE_CAPABILITIES.VCONNPowerSupported
0
ENABLE_VCONN
RWU
0
0b: Disable VCONN Source
1b: Enable VCONN Source to CC indicated by
PLUG_ORIENTATION in TCPC Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com