Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB422 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB422 Datasheet HTML 1Page - Texas Instruments TUSB422 Datasheet HTML 2Page - Texas Instruments TUSB422 Datasheet HTML 3Page - Texas Instruments TUSB422 Datasheet HTML 4Page - Texas Instruments TUSB422 Datasheet HTML 5Page - Texas Instruments TUSB422 Datasheet HTML 6Page - Texas Instruments TUSB422 Datasheet HTML 7Page - Texas Instruments TUSB422 Datasheet HTML 8Page - Texas Instruments TUSB422 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
1
2
3
A
B
C
Not to scale
CC2
VBUSIN
VDD
VCONN
INT_N
SCL
CC1
GND
SDA
3
TUSB422
www.ti.com
SLLSEW6 – NOVEMBER 2016
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
YFF Package
9 Pin (DSBGA)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
A1
CC2
I/O (FS)
Type-C Configuration channel signal 2. Used for connector orientation, connection detection
and removal, current capabilities, and PD communication. This pin requires an external
CRX(SHUNT) capacitor.
A2
VBUSIN
I
5-24 V VBUS input voltage. Tie directly to VBUS at Type-C connector.
A3
VDD
P
2.7 V to 5.5 V Positive supply voltage
B1
VCONN
P
2.7 V to 5.5 V VCONN. VCONN voltage should be at a valid stable value before software
closes the VCONN switch.
B2
INT_N
O (FS)
Open drain output. Asserted low to indicate status change occurred. Requires an external
pull-up resistor.
B3
SCL
I/O Open-
drain (FS)
SCL - I2C communication clock signal. Requires an external pull-up resistor.
C1
CC1
I/O (FS)
Type-C Configuration channel signal 1. Used for connector orientation, connection detection
and removal, current capabilities, and PD communication. This pin requires an external
CRX(SHUNT) capacitor.
C2
GND
G
Ground
C3
SDA
I/O Open-
drain (FS)
SDA - I2C communication data signal. Requires an external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com