Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB422 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB422
Description  USB Type-C Port Control with Power Delivery
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB422 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB422 Datasheet HTML 9Page - Texas Instruments TUSB422 Datasheet HTML 10Page - Texas Instruments TUSB422 Datasheet HTML 11Page - Texas Instruments TUSB422 Datasheet HTML 12Page - Texas Instruments TUSB422 Datasheet HTML 13Page - Texas Instruments TUSB422 Datasheet HTML 14Page - Texas Instruments TUSB422 Datasheet HTML 15Page - Texas Instruments TUSB422 Datasheet HTML 16Page - Texas Instruments TUSB422 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
13
TUSB422
www.ti.com
SLLSEW6 – NOVEMBER 2016
Product Folder Links: TUSB422
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 2. USB Type-C DRP Toggle Requirements (continued)
PARAMETER
MIN
MAX
DESCRIPTION
dcSRC.DRP
30%
70%
The percent of time that DRP shall advertise Source (Rp) during tDRP .
The following steps are for initialization of the TUSB422 for DRP operation.
1. Upon TUSB422 power-up, the Power Status flag in Alert Register should get set indicating TUSB422 is
initialized. When set, this flag will cause the INT_N pin to be assert low.
2. SW read the Alert Registers to determine reason for INT_N assertion. The expectation is Power Status bit
(Reg10h bit 1) is set.
3. SW read Power Status register and notice that TCPC_INIT_STATUS flag is cleared. This indicates TUSB422
is ready.
4. SW clear Power Status bit in Alert register by writing a 1’b1 to the bit.
5. Program the TUSB422 to present Rd on both CC pins. This is done by writing 0x4A to the Role Control
register
6. Write Look4Connection command to the Command register.
7. The TUSB422 now presents Rd on both Rp pins and look for a connection.
The TUSB422 autonomously toggles between Rd and Rp according to the setting of the CC General Control
register. If a value other than default value is desired, then CC General control should be programmed to desired
value before performing Step 6.
7.3.6 Type-C Current Mode Advertising
Once a valid cable detection and attach have been completed, the TUSB422 has the option to advertise thru
CC1/CC2 pins the level of Type-C current a UFP can sink. The TUSB422 supports all three possible Type-C
current options: Default (500 mA / 900 mA), Medium(1.5 A), and High (3 A). The current advertisement used by
TUSB422 is determined by the value programmed in the Role Control register.
NOTE
VDD must be greater than 3.0 V to advertise 3 A current.
7.3.7 VBUS Source Enable/Disable Control
The TUSB422 is unable to directly control VBUS enable due to no GPIO support. For this reason, external
microprocessor must directly control the Vbus enable. If it wishes, the external microprocessor may notify the
TUSB422 when Vbus has been enable/disabled, or raised above vSafe5V value. Notification to TUSB422 comes
in the form of writing to the Command register any of the following commands: SourceVbusDefaultVoltage (that
is, vSafe5V enable), SourceVbusHighVoltage (that is, greater than vSafe5V), or DisableSourceVbus. If these
commands are issued to the TUSB422, the TUSB422 ignores these commands.
7.3.8 VBUS Sink Enable/Disable Control
The TUSB422 cannot directly control VBUS Sink path, and therefore; VBUS sink path control is handled
externally. Software may write the SinkVbus command to TUSB422 Command register, but the TUSB422
ignores this command.
7.3.9 VBUS Monitoring
One of the features of USB PD is the ability to raise VBUS above the default vSafe5V level. The ability to monitor
the VBUS voltage level is critical to determining when VBUS is at desired level as well as when VBUS is no
longer present. The TUSB422 implements measuring of VBUS and the results are stored in the VBUS Voltage
register. The VBUS voltage measurement is enabled by setting the VBUS_VOLTAGE_MONITOR bit in the
Power Control register.
7.3.10 VBUS Discharge
The TUSB422 implements internal VBUS discharge. The TUSB422 can be setup to discharge VBUS
automatically based on Type-C conditions or software can force a VBUS discharge by setting the
FORCE_DISCHARGE bit in the Power Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com