Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM359N Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM359N
Description  Dual, High Speed, Programmable, Current Mode Norton Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM359N Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM359N Datasheet HTML 3Page - National Semiconductor (TI) LM359N Datasheet HTML 4Page - National Semiconductor (TI) LM359N Datasheet HTML 5Page - National Semiconductor (TI) LM359N Datasheet HTML 6Page - National Semiconductor (TI) LM359N Datasheet HTML 7Page - National Semiconductor (TI) LM359N Datasheet HTML 8Page - National Semiconductor (TI) LM359N Datasheet HTML 9Page - National Semiconductor (TI) LM359N Datasheet HTML 10Page - National Semiconductor (TI) LM359N Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Typical Performance Characteristics (Continued)
Application Hints
The LM359 consists of two wide bandwidth, decompensated
current differencing (Norton) amplifiers. Although similar in
operation to the original LM3900, design emphasis for these
amplifiers has been placed on obtaining much higher fre-
quency performance as illustrated in
Figure 1.
This significant improvement in frequency response is the
result of using a common-emitter/common-base (cascode)
gain stage which is typical in many discrete and integrated
video and RF circuit designs. Another versatile aspect of
these amplifiers is the ability to externally program many in-
ternal amplifier parameters to suit the requirements of a wide
variety of applications in which this type of amplifier can be
used.
DC BIASING
The LM359 is intended for single supply voltage operation
which requires DC biasing of the output. The current mirror
circuitry which provides the non-inverting input for the ampli-
fier also facilitates DC biasing the output. The basic opera-
tion of this current mirror is that
the current (both DC and AC)
flowing into the non-inverting input will force an equal
amount of current to flow into the inverting input . The mirror
gain (A
I) specification is the measure of how closely these
two currents match. For more details see National Applica-
tion Note AN-72.
DC biasing of the output is accomplished by establishing a
reference DC current into the (+) input, I
IN(+), and requiring
the output to provide the (−) input current. This forces the
output DC level to be whatever value necessary (within the
output voltage swing of the amplifier) to provide this DC ref-
erence current,
Figure 2.
The DC input voltage at each input is a transistor V
BE
(
≅ 0.6 V
DC) and must be considered for DC biasing. For
most applications, the supply voltage, V
+, is suitable and
convenient for establishing I
IN(+). The inverting input bias
current, I
b(−), is a direct function of the programmable input
stage current (see current programmability section) and to
obtain predictable output DC biasing set I
IN(+) ≥ 10Ib(−).
Amplifier to Amplifier
Coupling (Input Referred)
DS007788-57
Noise Voltage
DS007788-58
Maximum Power Dissipation
DS007788-59
Note: Shaded area refers to LM359J/LM359N
DS007788-6
FIGURE 1.
DS007788-7
FIGURE 2.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com