Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM359N Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM359N
Description  Dual, High Speed, Programmable, Current Mode Norton Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM359N Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM359N Datasheet HTML 16Page - National Semiconductor (TI) LM359N Datasheet HTML 17Page - National Semiconductor (TI) LM359N Datasheet HTML 18Page - National Semiconductor (TI) LM359N Datasheet HTML 19Page - National Semiconductor (TI) LM359N Datasheet HTML 20Page - National Semiconductor (TI) LM359N Datasheet HTML 21Page - National Semiconductor (TI) LM359N Datasheet HTML 22Page - National Semiconductor (TI) LM359N Datasheet HTML 23Page - National Semiconductor (TI) LM359N Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Typical Applications (Continued)
Crystal Controlled Sinewave Oscillator
DS007788-37
Vo = 500 mVp-p
f = 9.1 MHz
THD < 2.5%
High Performance 2 Amplifier Biquad Filter(s)
DS007788-35
•
The high speed of the LM359 allows the center frequency Q
o product of the filter to be: foxQo ≤ 5 MHz
•
The above filter(s) maintain performance over wide temperature range
•
One half of LM359 acts as a true non-inverting integrator so only 2 amplifiers (instead of 3 or 4) are needed for the biquad filter
structure
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com