Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM359N Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM359N
Description  Dual, High Speed, Programmable, Current Mode Norton Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM359N Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM359N Datasheet HTML 7Page - National Semiconductor (TI) LM359N Datasheet HTML 8Page - National Semiconductor (TI) LM359N Datasheet HTML 9Page - National Semiconductor (TI) LM359N Datasheet HTML 10Page - National Semiconductor (TI) LM359N Datasheet HTML 11Page - National Semiconductor (TI) LM359N Datasheet HTML 12Page - National Semiconductor (TI) LM359N Datasheet HTML 13Page - National Semiconductor (TI) LM359N Datasheet HTML 14Page - National Semiconductor (TI) LM359N Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Application Hints (Continued)
3.
Determine maximum value for R
f to provide stable DC
biasing
Optimum output DC level for maximum symmetrical swing
without clipping is:
R
f(MAX) can now be found:
This value should not be exceeded for predictable DC bias-
ing.
4.
Select R
s to be large enough so as not to appreciably
load the input termination resistance:
R
s ≥ 750Ω; Let Rs = 750Ω
5.
Select R
f for appropriate gain:
7.5 k
Ω is less than the calculated R
f(MAX) so DC predictability
is insured.
6.
Since R
f = 7.5k, for the output to be biased to 5.1 VDC,
the reference current I
IN(+) must be:
Now R
b can be found by:
7.
Select C
i to provide the proper gain for the 8 Hz mini-
mum input frequency:
A larger value of C
i will allow a flat frequency response down
to 8 Hz and a 0.01 µF ceramic capacitor in parallel with C
i
will maintain high frequency gain accuracy.
8.
Test for peaking of the frequency response and add a
feedback “lead” capacitor to compensate if necessary.
A NON-INVERTING VIDEO AMPLIFIER
For this case several design considerations must be dealt
with.
•
The output voltage (AC and DC) is strictly a function of
the size of the feedback resistor and the sum of AC and
DC “mirror current” flowing into the (+) input.
•
The amplifier always has 100% current feedback so ex-
ternal compensation is required. Add a small (1 pF–5 pF)
feedback capacitance to leave the amplifier’s open loop
response and slew rate unaffected.
•
To prevent saturating the mirror stage the total AC and
DC current flowing into the amplifier’s (+) input should be
less than 2 mA.
•
The output’s maximum negative swing is one diode
above ground due to the V
BE diode clamp at the (−) input.
Final Circuit Using Standard 5%
Tolerance Resistor Values:
DS007788-18
Circuit Performance:
DS007788-19
Vo(DC) = 5.1V
Differential phase error < 1˚ for 3.58 MHz fIN
Differential gain error < 0.5% for 3.58 MHz fIN
f−3 dB low = 2.5 Hz
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com