Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM359N Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM359N
Description  Dual, High Speed, Programmable, Current Mode Norton Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM359N Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM359N Datasheet HTML 12Page - National Semiconductor (TI) LM359N Datasheet HTML 13Page - National Semiconductor (TI) LM359N Datasheet HTML 14Page - National Semiconductor (TI) LM359N Datasheet HTML 15Page - National Semiconductor (TI) LM359N Datasheet HTML 16Page - National Semiconductor (TI) LM359N Datasheet HTML 17Page - National Semiconductor (TI) LM359N Datasheet HTML 18Page - National Semiconductor (TI) LM359N Datasheet HTML 19Page - National Semiconductor (TI) LM359N Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Typical Applications (Continued)
Photo Diode Amplifier
DS007788-29
D1 z RCA N-Type Silicon P-I-N Photodiode
•
Frequency response of greater than 10 MHz
•
If slow rise and fall times can be tolerated the gate on the output can be removed. In this case the rise and the fall time of the
LM359 is 40 ns.
•
T
PDL = 45 ns, TPDH = 50 ns − T
2L output
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com